Electronic Components Datasheet Search
  English  ▼

X  

TX7364ACP Datasheet (PDF) - Texas Instruments

TX7364ACP Datasheet PDF - Texas Instruments
Part # TX7364ACP
Download  TX7364ACP Download
File Size   548.98 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TX7364 3-Level, 64-Channel Transmitter with On-Chip Beamformer, T/R Switch

TX7364ACP Datasheet (PDF)

Go To PDF Page Download Datasheet
TX7364ACP Datasheet PDF - Texas Instruments

Part # TX7364ACP
Download  TX7364ACP Click to download

File Size   548.98 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TX7364 3-Level, 64-Channel Transmitter with On-Chip Beamformer, T/R Switch

TX7364ACP Datasheet (HTML) - Texas Instruments


TX7364ACP Product details

1 Features
• Transmitter supports:
– 64-channel 3-level pulser and active transmit/
receive (T/R) switch
• 3-level pulser:
– Maximum output voltage: ±100V
– Minimum output voltage: ±1V
– Maximum output current: 1A
– True return to zero to discharge output to
ground
– Second harmonic of –40dBc at 5MHz
– –3-dB Bandwidth with 400Ω || 125pF load
• 22MHz for a ±100-V supply
– Very low receive power: 0.1 mW/ch
• Active transmit/receive (T/R) switch with:
– Turn on resistance of 26Ω
– Turn on and Turn off time: 100ns
– Transient glitch: 10mVPP
• On-chip beam former with:
– Channel based T/R switch on and off controls
– Delay resolution: half beamformer clock period,
minimum 2.5ns
– Maximum delay: 214 beamformer clock period
– Maximum beamformer clockspeed: 200MHz
– On-Chip RAM for pattern and delay profile
– One 512 × 32 memory to store beam-former
pattern and delay for a group of 4 channels
– Global repeat feature present, enabling long
duration patterns
• High-speed (400 MHz maximum), 2-lane LVDS
serial programming interface.
– Low programming time: ≈2.5 us for delay profile
update
– 32-bit Checksum to detect wrong SPI writes
• Supports CMOS serial programming interface (50
MHz maximum)
• High reliability features:
– Internal temperature sensor and automatic
thermal shutdown
– No specific power sequencing requirement
– Error flag register to detect faulty conditions
– Integrated passives for the floating supplies and
bias voltages
– Small package: FC-BGA-196 (12 mm × 12 mm)
with 0.8-mm pitch

2 Applications
• Ultrasound imaging system
• Piezoelectric driver
• In-probe ultrasound imaging

3 Description
TX7364 is a highly integrated, high-performance
transmitter device for ultrasound imaging system.
The device has total 64 pulser circuits, 64 transmit/
receive switches (referred as T/R or TR switches) and
supports on-chip beamformer (TxBF). The device also
integrates on-chip floating power supplies that reduce
the number of required high voltage power supplies.
TX7364 has a pulser circuit that generates three-level
high voltage pulses (up to ±100 V) that is used to
excite multiple channels of an ultrasound transducer.
The device supports total 64 outputs. The maximum
output current is 1A.
Device can be used as a transmitter solution for many
applications like ultrasound imaging, non-destructive
testing, SONAR, LIDAR, marine navigation system,
brain imaging systems and so on.




Similar Part No. - TX7364ACP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TX7364ACP TI1-TX7364ACP Datasheet
581Kb / 9P
TX7364 3-Level, 64-Channel Transmitter with On-Chip Beamformer, T/R Switch
APRIL 2024
More results


Similar Description - TX7364ACP

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
GaAs MMIC T/R SWITCH DC - 3 GHz
logo
Maxim Integrated Produc...
MAX14808 MAXIM-MAX14808 Datasheet
1Mb / 31P
Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
Rev 0; 9/12
logo
Microchip Technology
MD1730 MICROCHIP-MD1730 Datasheet
616Kb / 34P
8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
11/07/16
logo
Texas Instruments
TX7332 TI1-TX7332 Datasheet
411Kb / 9P
Three-level, 32-channel transmitter with 1.2-A pulser, T/R switch, and integrated transmit beamformer
TX7316 TI1-TX7316 Datasheet
274Kb / 7P
Three-level, 16-channel or five-level, 8-channel transmitter with 2.4-A pulser, T/R switch, and integrated transmit beamformer
TX7516 TI-TX7516 Datasheet
594Kb / 8P
TX7516 Five-Level, 16-Channel Transmitter with T/R Switch, and On-Chip Beamformer
logo
Maxim Integrated Produc...
MAX14808 MAXIM-MAX14808_V01 Datasheet
728Kb / 31P
Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
2013
logo
Texas Instruments
TX7516 TI-TX7516_V01 Datasheet
626Kb / 9P
TX7516 Five-Level, 16-Channel Transmitter with T/R Switch, and On-Chip Beamformer
MARCH 2022
logo
STMicroelectronics
STHV1600 STMICROELECTRONICS-STHV1600 Datasheet
1Mb / 4P
16 channel ±100 V, ±2/±4 A, 5/3 level with RTZ, T/R switch, high-speed ultrasound pulser with integrated transmit beamformer
May 2020 Rev 2
logo
Texas Instruments
TX75E16 TI1-TX75E16 Datasheet
480Kb / 6P
TX75E16 5-Level, 16-Channel Transmitter with T/R Switch, On-Chip Beamformer, and Enhanced Load Damping Features
DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com