Electronic Components Datasheet Search
  English  ▼

X  

UCC2972PW Datasheet (PDF) - Texas Instruments

UCC2972PW Datasheet PDF - Texas Instruments
Part # UCC2972PW
Download  UCC2972PW Download
File Size   664.03 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BiCMOS Cold Cathode Fluorescent Lamp Driver Controller

UCC2972PW Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC2972PW Datasheet PDF - Texas Instruments

Part # UCC2972PW
Download  UCC2972PW Click to download

File Size   664.03 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BiCMOS Cold Cathode Fluorescent Lamp Driver Controller

UCC2972PW Datasheet (HTML) - Texas Instruments


UCC2972PW Product details

FEATURES
• 1mA Typical Supply Current
• Accurate Lamp Current Control
• Analog or Low Frequency Dimming
Capability
• Open Lamp Protection
• Programmable Startup Delay
• 4.5V to 25V Operation
• PWM Frequency Synchronized to
External Resonant Tank
• 8 Pin TSSOP and SOIC Packages
Available
• Internal Voltage Clamp Protects
Transformer from Over-voltage
(UCC3973)

DESCRIPTION
Design goals for a Cold Cathode Fluorescent Lamp (CCFL) converter used
a notebook computer or portable application include small size, high efficiency,
and low cost. The UCC3972/3 CCFL controllers provide the necessary
circuit blocks to implement a highly efficient CCFL backlight power
supply in a small footprint 8 pin TSSOP package. The BiCMOS controllers
typically consume less than 1mA of operating current, improving overall
system efficiency when compared to bipolar controllers requiring 5mA to
10mA of operating current.
External parts count is minimized and system cost is reduced by integrating
such features as a feedback controlled PWM driver stage, open lamp protection,
startup delay and synchronization circuitry between the buck and
push-pull stages. The UCC3972/3 include an internal shunt regulator, allowing
the part to operate with input voltages from 4.5V up to 25V. The part
supports both analog and externally generated low frequency dimming
modes of operation.
The UCC3973 adds a programmable voltage clamp at the BUCK pin. This
feature can be used to protect the transformer from overvoltage during
startup or when an open lamp occurs. Transformer voltage is controlled by
reducing duty cycle when an over-voltage is detected.




Similar Part No. - UCC2972PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2972PW TI1-UCC2972PW Datasheet
895Kb / 24P
BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC2972PW TI1-UCC2972PW Datasheet
895Kb / 24P
BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC2972PWG4 TI1-UCC2972PWG4 Datasheet
895Kb / 24P
BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC2972PWG4 TI1-UCC2972PWG4 Datasheet
895Kb / 24P
BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
More results


Similar Description - UCC2972PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1972 TI-UCC1972 Datasheet
308Kb / 17P
BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC3974 TI-UCC3974 Datasheet
210Kb / 12P
DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
logo
Dallas Semiconductor
DS3984 DALLAS-DS3984 Datasheet
790Kb / 24P
4-Channel Cold-Cathode Fluorescent Lamp Controller
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
Cold Cathode Fluorescent Lamp Driver
MP1011A MPS-MP1011A Datasheet
128Kb / 6P
Cold Cathode Fluorescent Lamp Driver
logo
Maxim Integrated Produc...
DS3988 MAXIM-DS3988 Datasheet
778Kb / 23P
8-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 4/05
logo
Texas Instruments
UCC3973PWTRG4 TI1-UCC3973PWTRG4 Datasheet
895Kb / 24P
BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI1-UCC1972_13 Datasheet
895Kb / 24P
BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC2974 TI1-UCC2974 Datasheet
229Kb / 14P
DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
logo
Maxim Integrated Produc...
DS3984 MAXIM-DS3984 Datasheet
508Kb / 24P
4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 1; 5/07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com