Electronic Components Datasheet Search
  English  ▼

X  

UCC2750 Datasheet (PDF) - Texas Instruments

UCC2750 Datasheet PDF - Texas Instruments
Part # UCC2750
Download  UCC2750 Download
File Size   908.98 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Source Ringer Controller

UCC2750 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC2750 Datasheet PDF - Texas Instruments

Part # UCC2750
Download  UCC2750 Click to download

File Size   908.98 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Source Ringer Controller

UCC2750 Datasheet (HTML) - Texas Instruments


UCC2750 Product details

FEATURES
• Provides Control for Flyback Based
Four Quadrant Amplifier Topology
• Onboard Sine Wave Reference with
Low THD
• Selectable Ringing Frequency for
Different Phone Systems (20Hz,
25Hz and 50Hz)
• Programmable Output Amplitude and
DC Offset
• DC Current Limiting for Short Circuit
Protection
• Secondary Side Voltage Mode
Control
• Operates from a Single 5V Supply

DESCRIPTION
The UCC3750 Source Ringer Controller provides a complete control and
drive solution for a four quadrant flyback-based ring generator circuit. The
IC controls a primary side switch, which is modulated when power transfer
is taking place from input to output. It also controls two secondary
switches which act as synchronous rectifier switches during positive
power flow. These switches are pulse-width-modulated when the power is
being delivered back to the source.
The UCC3750 has an onboard sine wave reference with programmable
frequencies of 20Hz, 25Hz and 50Hz. The reference is derived from a
high-frequency (32kHz) crystal connected externally. Two frequency-
select pins control an internal divider to give a sinusoidal output at
20Hz, 25Hz or 50Hz. The ring generator can also be used at other frequencies
by supplying externally generated sine-waves to the chip or by
clocking the crystal input at a fixed multiple of the desired frequency.
Other features included in the UCC3750 are programmable DC current
limit (with buffer amplifier), a charge-pump circuit for gate drive voltage, internal
3V and 7.5V references, a triangular clock oscillator and a buffer
amplifier for adding programmable DC offset to the output voltage. The
UCC3750 also provides an uncommitted amplifier (AMP) for other signal
processing requirements.




Similar Part No. - UCC2750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2750 TI-UCC2750 Datasheet
257Kb / 11P
Source Ringer Controller
UCC2750DW TI1-UCC2750DW Datasheet
1Mb / 18P
Source Ringer Controller
UCC2750DWG4 TI1-UCC2750DWG4 Datasheet
1Mb / 18P
Source Ringer Controller
UCC2750N TI-UCC2750N Datasheet
340Kb / 9P
Low Power Pulse Width Modulator
More results


Similar Description - UCC2750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2750 TI-UCC2750 Datasheet
257Kb / 11P
Source Ringer Controller
logo
Sanyo Semicon Device
LA8500 SANYO-LA8500 Datasheet
51Kb / 2P
Tone Ringer
logo
System Logic Semiconduc...
SL2411 SLS-SL2411 Datasheet
50Kb / 6P
Tone Ringer
logo
Daewoo Semiconductor
DBL5001 DAEWOO-DBL5001 Datasheet
317Kb / 6P
TONE RINGER
logo
AUK corp
SL5001P-2P AUK-SL5001P-2P Datasheet
291Kb / 8P
TONE RINGER
logo
Taiwan Semiconductor Co...
TS2411 TSC-TS2411 Datasheet
174Kb / 6P
Tong Ringer
TS31002 TSC-TS31002 Datasheet
175Kb / 6P
Tong Ringer
logo
Integral Corp.
IL2410 INTEGRAL-IL2410 Datasheet
330Kb / 7P
Tone Ringer
logo
Taiwan Semiconductor Co...
TS2411 TSC-TS2411_1 Datasheet
420Kb / 7P
Tong Ringer
logo
Texas Instruments
UCC3750DW TI1-UCC3750DW Datasheet
1Mb / 18P
Source Ringer Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com