Electronic Components Datasheet Search
  English  ▼

X  

BQ25011 Datasheet (PDF) - Texas Instruments

BQ25011 Datasheet PDF - Texas Instruments
Part # BQ25011
Download  BQ25011 Download
File Size   848.96 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR PORTABLE APPLICATIONS (bq2501x)

BQ25011 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25011 Datasheet PDF - Texas Instruments

Part # BQ25011
Download  BQ25011 Click to download

File Size   848.96 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR PORTABLE APPLICATIONS (bq2501x)

BQ25011 Datasheet (HTML) - Texas Instruments


BQ25011 Product details

1FEATURES
2· Li-Ion Or Li-Pol Charge Management and
Synchronous DC-DC Power Conversion In a
Single Chip
· Optimized for Powering Bluetooth™ Headsets
and Accessories
· Charges and Powers the System from Either
the AC Adapter or USB with Autonomous
Power Source Selection
· Integrated USB Charge Control with
Selectable 100 mA and 500 mA Charge Rates
· Integrated Power FET and Current Sensor for
Up to 500 mA Charge Applications AND
100 mA DC-DC Controller with Integrated
FETs
· Reverse Leakage Protection Prevents Battery
Drainage
· Automatic Power Save Mode For High
Efficiency at Low Current, or Forced PWM for
Frequency Sensitive Applications
· 3.5 mm ´ 4.5 mm QFN Package

APPLICATIONS
· Bluetooth™ Headsets
· Bluetooth™ Accessories
· Low-Power Handheld Devices

DESCRIPTION
The bq2501x series are highly integrated charge and
power management devices targeted at space-limited
bluetooth applications. The bq2501x series offer
integrated power FET and current sensor for charge
control, reverse blocking protection, high accuracy
current and voltage regulation, charge status, charge
termination, and a highly efficient and low-power
dc-dc converter in a small package.
The bq2501x charges the battery in three phases:
conditioning, constant current and constant voltage.
Charge is terminated based on minimum current. An
internal charge timer provides a backup safety feature
for charge termination. The bq2501x automatically
re-starts the charge if the battery voltage falls below
an internal threshold. The bq2501x automatically enters sleep mode when VCC supply is removed.
The integrated low-power high-efficiency dc-dc
converter is designed to operate directly from a
single-cell Li-Ion or Li-Pol battery pack. The output voltage is either adjustable from 0.7 V to VBAT
(bq25010), fixed at 3.3 V (bq25011), or fixed at 1.8 V
(bq25012), and is capable of delivering up to 150-mA
of load current. The dc-dc converter operates at a
synchronized 1 MHz switching frequency allowing for
the use of small inductors.




Similar Part No. - BQ25011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25011 TI-BQ25011 Datasheet
295Kb / 20P
SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
BQ25011RHLR TI-BQ25011RHLR Datasheet
295Kb / 20P
SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
More results


Similar Description - BQ25011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25010 TI-BQ25010 Datasheet
295Kb / 20P
SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
logo
Advanced Analogic Techn...
AAT2556 ANALOGICTECH-AAT2556 Datasheet
743Kb / 29P
Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analog Technol...
AAT2556 AAT-AAT2556 Datasheet
2Mb / 29P
Battery Charger and Step-Down Converter for Portable Applications
2556.2006.09.1.2
logo
Texas Instruments
BQ25015 TI-BQ25015 Datasheet
782Kb / 28P
SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR PORTABLE APPLICATIONS
logo
Eutech Microelectronics...
EUP8086 EUTECH-EUP8086 Datasheet
892Kb / 19P
Battery Charger and Step-Down Converter for Portable Applications
logo
ams AG
AS1333 AMSCO-AS1333 Datasheet
1Mb / 16P
650mA, Step Down DC/DC Converter for Portable Applications
logo
Dialog Semiconductor
DA9131 DIALOG-DA9131 Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
DA9132 DIALOG-DA9132 Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
logo
Renesas Technology Corp
DA9131 RENESAS-DA9131 Datasheet
955Kb / 58P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
DA9132 RENESAS-DA9132 Datasheet
969Kb / 58P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com