Electronic Components Datasheet Search
  English  ▼

X  

PXD10 Datasheet (PDF) - TDK Electronics

PXD10 Datasheet PDF - TDK Electronics
Part # PXD10
Download  PXD10 Download
File Size   163.59 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description 10-20W Single and Dual Output DC-DC Converters

PXD10 Datasheet (PDF)

Go To PDF Page Download Datasheet
PXD10 Datasheet PDF - TDK Electronics

Part # PXD10
Download  PXD10 Click to download

File Size   163.59 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description 10-20W Single and Dual Output DC-DC Converters

PXD10 Datasheet (HTML) - TDK Electronics


PXD10 Product details

Features
 Industry Standard 2” x 1” Footprint
 Six Sided Shielding
 Agency Approved
 12V, 24V and 48V Inputs
 UL, CSA, EN, CE approvals
 Wide range input




Similar Part No. - PXD10

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
PXD10 LUMINIS-PXD10 Datasheet
102Kb / 2P
4??Dia.X 6??extruded aluminum step poles
logo
Freescale Semiconductor...
PXD10 FREESCALE-PXD10 Datasheet
717Kb / 130P
PXD10 Microcontroller
logo
TDK Electronics
PXD10 TDK-PXD10 Datasheet
784Kb / 4P
Single and Dual Output 10 to 20W DC-DC Converters
PXD10-12S3P3 TDK-PXD10-12S3P3 Datasheet
398Kb / 2P
Single and Dual Output 10 to 20W DC-DC Converters
PXD10-12S3P3 TDK-PXD10-12S3P3 Datasheet
784Kb / 4P
Single and Dual Output 10 to 20W DC-DC Converters
More results


Similar Description - PXD10

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW3000 MINMAX-MKW3000 Datasheet
230Kb / 8P
20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U Datasheet
409Kb / 8P
DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Minmax Technology Co., ...
MPW2100 MINMAX-MPW2100 Datasheet
179Kb / 8P
20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
TDK Electronics
PXD1024WS05 TDK-PXD1024WS05 Datasheet
398Kb / 2P
Single and Dual Output 10 to 20W DC-DC Converters
logo
Murata Manufacturing Co...
BWR-15-670-D12A MURATA-BWR-15-670-D12A Datasheet
161Kb / 6P
15-20W, Dual Output DC/DC Converters
logo
TDK Electronics
PXE2048WD05 TDK-PXE2048WD05 Datasheet
307Kb / 2P
Single and Dual Output 20W to 30W DC-DC Converters
logo
Chinfa Electronics Ind....
WDD20U CHINFA-WDD20U_16 Datasheet
348Kb / 5P
DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
TDK Electronics
PYD20 TDK-PYD20 Datasheet
1Mb / 5P
20W Single and Dual Output DC-DC converters
September 2, 2022 V1
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com