Electronic Components Datasheet Search
  English  ▼

X  

AFE5805 Datasheet (PDF) - Texas Instruments

AFE5805 Datasheet PDF - Texas Instruments
Part # AFE5805
Download  AFE5805 Download
File Size   907.24 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/√Hz, 12-Bit, 50MSPS, 122mW/Channel

AFE5805 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE5805 Datasheet PDF - Texas Instruments

Part # AFE5805
Download  AFE5805 Click to download

File Size   907.24 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/√Hz, 12-Bit, 50MSPS, 122mW/Channel

AFE5805 Datasheet (HTML) - Texas Instruments


AFE5805 Product details

1FEATURES
23• 8-Channel Complete Analog Front-End:
– LNA, VCA, PGA, LPF, and ADC
• Ultra-Low, Full-Channel Noise:
– 0.85nV/√Hz (TGC)
– 1.1nV/√Hz (CW)
• Low Power:
– 122mW/Channel (40MSPS)
– 74mW/Channel (CW Mode)
• Low-Noise Pre-Amp (LNA):
– 0.75nV/√Hz
– 20dB Fixed Gain
– 250mVPP Linear Input Range
• Variable-Gain Amplifier:
– Gain Control Range: 46dB
• PGA Gain Settings: 20dB, 25dB, 27dB, 30dB
• Low-Pass Filter:
– Selectable BW: 10MHz, 15MHz
– 2nd-Order
• Gain Error: ±0.5dB
• Channel Matching: ±0.25dB
• Distortion, HD2: –65dBFS at 5MHz
• Clamping Control
• Fast Overload Recovery: Two Clock Cycles
• 12-Bit Analog-to-Digital Converter:
– 10MSPS to 50MSPS
– 69.5dB SNR at 10MHz
– Serial LVDS Interface
• Integrated CW Switch Matrix
• 15mm × 9mm, 135-BGA Package:
– Pb-Free (RoHS-Compliant) and Green

APPLICATIONS
• Medical Imaging, Ultrasound
– Portable Systems

DESCRIPTION
The AFE5805 is a complete analog front-end device
specifically designed for ultrasound systems that
require low power and small size.
The AFE5805 consists of eight channels, including a
low-noise amplifier (LNA), voltage-controlled
attenuator (VCA), programmable gain amplifier
(PGA), low-pass filter (LPF), and a 12-bit
analog-to-digital converter (ADC) with low voltage
differential signaling (LVDS) data outputs.
The LNA gain is set for 20dB gain, and has excellent
noise and signal handling capabilities, including fast
overload recovery. VCA gain can vary over a 46dB
range with a 0V to 1.2V control voltage common to all
channels of the AFE5805.
The PGA can be programmed for gains of 20dB,
25dB, 27dB, and 30dB. The internal low-pass filter
can also be programmed to 10MHz or 15MHz.
The LVDS outputs of the ADC reduce the number of
interface lines to an ASIC or FPGA, thereby enabling the high system integration densities desired for
portable systems. The ADC can either be operated
with internal or external references. The ADC also
features a signal-to-noise ratio (SNR) enhancement
mode that can be useful at high gains.
The AFE5805 is available in a 15mm × 9mm, 135-ball BGA package that is Pb-free
(RoHS-compliant) and green. It is specified for
operation from 0°C to +70°C.




Similar Part No. - AFE5805

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
AFE5805 TI-AFE5805 Datasheet
740Kb / 51P
FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/?숰z, 12-Bit, 50MSPS, 122mW/Channel
AFE5805 TI-AFE5805 Datasheet
832Kb / 52P
FULLY-INTEGRATED,8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/?숰z, 12-Bit, 50MSPS, 122mW/Channel
AFE5805 TI1-AFE5805 Datasheet
835Kb / 53P
FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/?숰z, 12-Bit, 50MSPS, 122mW/Channel
AFE5805 TI2-AFE5805 Datasheet
458Kb / 6P
AFE5816 16-Channel Ultrasound AFE With 90mW/Channel Power, 1nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC and Passive CW Mixer
MARCH 2024
More results


Similar Description - AFE5805

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
AFE5804 TI-AFE5804 Datasheet
889Kb / 60P
FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
AFE5805 TI-AFE5805_1 Datasheet
740Kb / 51P
FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/?숰z, 12-Bit, 50MSPS, 122mW/Channel
AFE5805 TI-AFE5805_10 Datasheet
832Kb / 52P
FULLY-INTEGRATED,8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/?숰z, 12-Bit, 50MSPS, 122mW/Channel
AFE5804 TI-AFE5804_1 Datasheet
937Kb / 61P
FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5805 TI1-AFE5805_14 Datasheet
835Kb / 53P
FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/?숰z, 12-Bit, 50MSPS, 122mW/Channel
AFE5803 TI1-AFE5803_14 Datasheet
791Kb / 53P
Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5804 TI1-AFE5804_17 Datasheet
693Kb / 63P
FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com