Electronic Components Datasheet Search
  English  ▼

X  

ADS5424IPGP Datasheet (PDF) - Texas Instruments

ADS5424IPGP Datasheet PDF - Texas Instruments
Part # ADS5424IPGP
Download  ADS5424IPGP Download
File Size   811.96 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14 Bit, 105 MSPS Analog-to-Digital Converter

ADS5424IPGP Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS5424IPGP Datasheet PDF - Texas Instruments

Part # ADS5424IPGP
Download  ADS5424IPGP Click to download

File Size   811.96 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14 Bit, 105 MSPS Analog-to-Digital Converter

ADS5424IPGP Datasheet (HTML) - Texas Instruments


ADS5424IPGP Product details

FEATURES
14 Bit Resolution
105 MSPS Maximum Sample Rate
SNR = 74 dBc at 105 MSPS and 50-MHz IF
SFDR = 93 dBc at 105 MSPS and 50-MHz IF
2.2 Vpp Differential Input Range
5 V Supply Operation
3.3 V CMOS Compatible Outputs
1.9 W Total Power Dissipation
2s Complement Output Format
On-Chip Input Analog Buffer, Track and Hold,
and Reference Circuit
52 Pin HTQFP Package With Exposed
Heatsink
Pin Compatible to the AD6644/45
Industrial Temperature Range = −40C to 85C

APPLICATIONS
Single and Multichannel Digital Receivers
Base Station Infrastructure
Instrumentation
Video and Imaging

RELATED DEVICES
Clocking: CDC7005
Amplifiers: OPA695, THS4509

DESCRIPTION
The ADS5424 is a 14 bit 105 MSPS analog-to-digital converter (ADC) that operates from a 5 V supply, while providing 3.3 V
CMOS compatible digital outputs. The ADS5424 input buffer isolates the internal switching of the on-chip Track and Hold
(T&H) from disturbing the signal source. An internal reference generator is also provided to further simplify the system
design. The ADS5424 has outstanding low noise and linearity, over input frequency. With only a 2.2 VPP input range,
simplifies the design of multicarrier applications, where the carriers are selected on the digital domain.
The ADS5424 is available in a 52 pin HTQFP with heatsink package and is pin compatible to the AD6645. The ADS5424
is built on state of the art Texas Instruments complementary bipolar process (BiCom3) and is specified over full industrial
temperature range (−40°C to 85°C).




Similar Part No. - ADS5424IPGP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5424IPGP TI1-ADS5424IPGP Datasheet
1Mb / 29P
14 Bit, 105 MSPS Analog-to-Digital Converter
ADS5424IPGP TI2-ADS5424IPGP Datasheet
812Kb / 29P
14 Bit, 105 MSPS Analog-to-Digital Converter
REVISED JANUARY 2010
ADS5424IPGP.B TI2-ADS5424IPGP.B Datasheet
812Kb / 29P
14 Bit, 105 MSPS Analog-to-Digital Converter
REVISED JANUARY 2010
ADS5424IPGPG4 TI2-ADS5424IPGPG4 Datasheet
812Kb / 29P
14 Bit, 105 MSPS Analog-to-Digital Converter
REVISED JANUARY 2010
ADS5424IPGPG4.B TI2-ADS5424IPGPG4.B Datasheet
812Kb / 29P
14 Bit, 105 MSPS Analog-to-Digital Converter
REVISED JANUARY 2010
More results


Similar Description - ADS5424IPGP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
logo
Analog Devices
AD9246 AD-AD9246 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
logo
Texas Instruments
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
11 Bit, 105 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9648 AD-AD9648 Datasheet
1Mb / 44P
14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS5424-SP TI1-ADS5424-SP Datasheet
400Kb / 22P
CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9254R703F AD-AD9254R703F Datasheet
2Mb / 26P
14-Bit, 105 MSPS, 1.8V Analog-Tp-Digital Converter
REV. B
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
14 Bit, 105 MSPS Analog-to-Digital Converter
ADS5424-SP TI1-ADS5424-SP_15 Datasheet
445Kb / 24P
CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com