Electronic Components Datasheet Search
  English  ▼

X  

ADS5271 Datasheet (PDF) - Texas Instruments

ADS5271 Datasheet PDF - Texas Instruments
Part # ADS5271
Download  ADS5271 Download
File Size   914.18 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface

ADS5271 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS5271 Datasheet PDF - Texas Instruments

Part # ADS5271
Download  ADS5271 Click to download

File Size   914.18 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface

ADS5271 Datasheet (HTML) - Texas Instruments


ADS5271 Product details

1FEATURES
23· Maximum Sample Rate: 50MSPS
· 12-Bit Resolution
· No Missing Codes
· Total Power Dissipation:
Internal Reference: 927mW
External Reference: 861mW
· CMOS Technology
· Simultaneous Sample-and-Hold
· 70.5dB SNR at 10MHz IF
· 3.3V Digital/Analog Supply
· Serialized LVDS Outputs
· Integrated Frame and Bit Patterns
· Option to Double LVDS Clock Output Currents
· Four Current Modes for LVDS
· Pin- and Format-Compatible Family
· TQFP-80 PowerPAD™ Package

APPLICATIONS
· Portable Ultrasound Systems
· Tape Drives
· Test Equipment
· Optical Networking

DESCRIPTION
The ADS5271 is a high-performance, 50MSPS,
8-channel analog-to-digital converter (ADC). Internal
references are provided, simplifying system design
requirements. Low power consumption allows for the
highest of system integration densities. Serial LVDS
(low-voltage differential signaling) outputs reduce the
number of interface lines and package size.
An integrated phase lock loop (PLL) multiplies the
incoming ADC sampling clock by a factor of 12. This
high-frequency LVDS clock is used in the data
serialization and transmission process. The word
output of each internal ADC is serialized and
transmitted either MSB or LSB first. In addition to the
eight data outputs, a bit clock and a word clock are
also transmitted. The bit clock is at 6x the speed of the sampling clock, whereas the word clock is at the
same speed of the sampling clock.
The ADS5271 provides internal references, or can
optionally be driven with external references. Best
performance is achieved through the internal
reference mode.
The device is available in a TQFP-80 PowerPAD
package and is specified over a –40°C to +85°C operating range.




Similar Part No. - ADS5271

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5271 TI-ADS5271 Datasheet
1Mb / 28P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5271 TI1-ADS5271 Datasheet
1Mb / 33P
8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 TI1-ADS5271 Datasheet
1Mb / 32P
8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5271 TI2-ADS5271 Datasheet
655Kb / 42P
10-Bit, Octal-Channel ADC Up to 65MSPS
REVISED JUNE 2012
More results


Similar Description - ADS5271

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
Quad 12-Bit Digital-to-Analog Converter Serial Interface
logo
Texas Instruments
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Burr-Brown (TI)
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5277 TI-ADS5277 Datasheet
1Mb / 28P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5242 TI-ADS5242 Datasheet
1,010Kb / 29P
4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5277 TI-ADS5277_12 Datasheet
1Mb / 32P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS5271 TI1-ADS5271_14 Datasheet
1Mb / 32P
8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com