Electronic Components Datasheet Search
  English  ▼

X  

9070807 Datasheet (PDF) - Theben AG

9070807 Datasheet PDF - Theben AG
Part # 9070807
Download  9070807 Download
File Size   1045.02 Kbytes
Page   4 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description Time and light control Digital time switches

9070807 Datasheet (PDF)

Go To PDF Page Download Datasheet
9070807 Datasheet PDF - Theben AG

Part # 9070807
Download  9070807 Click to download

File Size   1045.02 Kbytes
Page   4 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description Time and light control Digital time switches

9070807 Datasheet (HTML) - Theben AG


9070807 Product details

Description
- Astronomical time switch with weekly program, with external GNSS
antenna in scope of delivery
- Time synchronisation option via connection of an external DCF or GNSS
antenna
- 1 channel
- Programming by app possible
- Safe transfer via optional Bluetooth Low Energy OBELISK top3
- Maximum manipulation security, time switch programs can only be
transferred from the app to the time switch when the Bluetooth
OBELISK top3 is plugged into the time switch
- 100% compatible with top2 (When transferring the switching programs
via OBELISK to the PC, the OBELISK software as of V3.8.3.4 must be
installed)
- 3 special programs (small annual program)
- 3 custom twilight ranges plus adjustable offset (sunset, twilight,
darkness)
- Astro-pulse
- External input
- 84 memory locations
- Connectable sensors (external selector switch, sequence timer)
- Connectable switches (ON or OFF permanent switching)
- Astronomical time switch function (automatic calculation of sunrise and
sunset times for the whole year)
- Offset for adjusting of sunrise and sunset times
- Position data via coordinates or country/city lists can be programmed
- Fixed ON-OFF switching times can be programmed (e.g. night time
interruption)
- Simulation of switching times (calculated astronomical times and
programmed ON/OFF switching times)
- Reversible astronomical mode (evenings ON - mornings OFF or
evenings OFF - mornings ON) or can be deactivated
- DuoFix spring terminals
- For 2 conductors each
- Wire or strand (with or without wire end sleeve)
- Wire diameter: 0.5 - 2.5 mm²
- Button for releasing plug-in connection
- Text-oriented user guidance in display
- Preset date and time
- fully operable without mains connection
- Interface for OBELISK top2 memory card (PC programming)
- 2. insertable switching program
- Copying programs
- Storing programs
- 10 year power reserve (lithium battery)
- Zero-cross switching for relay-saving switching and high lamp loads
(not with 24 V devices)
- Calculated astronomical switching times
- Programmable ON-OFF switching times
- Switching preselection
- Permanent switching ON/OFF
- Integrated operating hour counter
- Reset option
- Service function for monitoring maintenance intervals
- Holiday program
- Display back light (can be turned off)
- PIN coding
- Automatic summer/winter time changeover
- can be deactivated
- Date rule options are already stored for Europe, the USA and other
countries
- own date rule options or changeover around set dates are available




Similar Part No. - 9070807

ManufacturerPart #DatasheetDescription
logo
Theben AG
9070807 THEBEN-9070807 Datasheet
821Kb / 3P
KNX Clocks
22/11/2024
9070807 THEBEN-9070807 Datasheet
996Kb / 4P
Time and light control Digital time switches
01/04/2025
9070807 THEBEN-9070807 Datasheet
1Mb / 4P
Time and light control Digital time switches
01/04/2025
9070807 THEBEN-9070807 Datasheet
1Mb / 4P
Time and light control Digital time switches
01/04/2025
9070807 THEBEN-9070807 Datasheet
1Mb / 4P
Time and light control Digital time switches
01/04/2025
More results


Similar Description - 9070807

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM303 ELM-ELM303 Datasheet
40Kb / 5P
Camcorder Time-Lapse Control
logo
Extech Instruments Corp...
44537 EXTECH-44537 Datasheet
172Kb / 1P
Digital World Time Clock
logo
Omron Electronics LLC
H5S OMRON-H5S Datasheet
4Mb / 27P
Digital Time Switch
logo
OSRAM GmbH
LUWCN5M-GBHB-5P7R-1 OSRAM-LUWCN5M-GBHB-5P7R-1 Datasheet
930Kb / 21P
Day time running light
LUWCN7M-HYJY-EMKM-1 OSRAM-LUWCN7M-HYJY-EMKM-1 Datasheet
725Kb / 23P
Day time running light
LUWCVBP.CE-5L8L-GMKM-8E8G OSRAM-LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet
758Kb / 22P
Day time running light
logo
STMicroelectronics
PM6686 STMICROELECTRONICS-PM6686 Datasheet
1Mb / 50P
Constant ON-time control
23-Jul-2009
logo
OSRAM GmbH
LUWCN7M OSRAM-LUWCN7M Datasheet
752Kb / 23P
Day time running light
LUWCN7N OSRAM-LUWCN7N Datasheet
746Kb / 23P
Day time running light
logo
Maxim Integrated Produc...
MAX31629 MAXIM-MAX31629 Datasheet
575Kb / 21P
I2C Digital Thermometer and Real-Time Clock
Rev 1; 12/14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com