Electronic Components Datasheet Search
  English  ▼

X  

0829967 Datasheet (PDF) - PHOENIX CONTACT

0829967 Datasheet PDF - PHOENIX CONTACT
Part # 0829967
Download  0829967 Download
File Size   187.26 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description US-WMT (12X4) YE CUS - Cable marker

0829967 Datasheet (PDF)

Go To PDF Page Download Datasheet
0829967 Datasheet PDF - PHOENIX CONTACT

Part # 0829967
Download  0829967 Click to download

File Size   187.26 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description US-WMT (12X4) YE CUS - Cable marker

0829967 Datasheet (HTML) - PHOENIX CONTACT


0829967 Product details

Cable marker, Card, can be ordered: by card, yellow, labeled according to customer
specifications, cable diameter range: 0.6 ... 10 mm, mounting type: insert, Number of individual
labels: 98, text field height: 4 mm, text field width: 12 mm




Similar Part No. - 0829967

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0829960 PHOENIX-0829960 Datasheet
187Kb / 4P
US-WMT (10X4) YE CUS - Cable marker
0829961 PHOENIX-0829961 Datasheet
186Kb / 4P
US-WMT (10X4) VT CUS - Cable marker
0829963 PHOENIX-0829963 Datasheet
186Kb / 4P
US-WMT (10X4) GN CUS - Cable marker
0829964 PHOENIX-0829964 Datasheet
181Kb / 4P
US-WMT (12X4) CUS - Cable marker
0829965 PHOENIX-0829965 Datasheet
189Kb / 4P
US-WMT (12X4) RD CUS - Cable marker
More results


Similar Description - 0829967

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824471 PHOENIX-0824471 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB YE CUS
0824595 PHOENIX-0824595 Datasheet
55Kb / 3P
Marker for terminal blocks - UC-TM 6 YE CUS
0824627 PHOENIX-0824627 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 16 YE CUS
0824940 PHOENIX-0824940 Datasheet
57Kb / 2P
Zack marker strip - ZB 10/YE CUS
0824976 PHOENIX-0824976 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/YE CUS
0820390 PHOENIX-0820390 Datasheet
60Kb / 4P
Cable marker - UC-WMTBA (29X8) YE
09/11/2020
0824443 PHOENIX-0824443 Datasheet
54Kb / 2P
Cable marker - PABA WH/10 CUS
09/11/2020
0824444 PHOENIX-0824444 Datasheet
54Kb / 2P
Cable marker - PABA WH/15 CUS
09/11/2020
1014087 PHOENIX-1014087 Datasheet
56Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com