Electronic Components Datasheet Search
  English  ▼

X  

TPS3700-Q1 Datasheet (PDF) - Texas Instruments

TPS3700-Q1 Datasheet PDF - Texas Instruments
Part # TPS3700-Q1
Download  TPS3700-Q1 Download
File Size   631.02 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3700 High voltage (18V) window voltage detector with internal reference for over and undervoltage monitoring

TPS3700-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3700-Q1 Datasheet PDF - Texas Instruments

Part # TPS3700-Q1
Download  TPS3700-Q1 Click to download

File Size   631.02 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3700 High voltage (18V) window voltage detector with internal reference for over and undervoltage monitoring

TPS3700-Q1 Datasheet (HTML) - Texas Instruments


TPS3700-Q1 Product details

1 Features
1• Wide supply voltage range: 1.8 V to 18 V
• Adjustable threshold: down to 400 mV
• High threshold accuracy:
– 1.0% over temperature
– 0.25% (Typical)
• Low quiescent current: 5.5 μA (Typical)
• Open-drain outputs for overvoltage and
undervoltage detection
• Internal hysteresis: 5.5 mV (Typ)
• Temperature range: –40°C to 125°C
• Packages:
– SOT-6
– 1.5-mm × 1.5-mm WSON-6

2 Applications
• Industrial control systems
• Automotive systems
• Embedded computing modules
• DSP, microcontroller, or microprocessor
applications
• Notebook and desktop computers
• Portable- and battery-powered products
• FPGA and ASIC applications

3 Description
The TPS3700 wide-supply window voltage detector
operates over a 1.8-V to 18-V range. The device has
two high-accuracy comparators with an internal 400-
mV reference and two open-drain outputs rated to 18
V for over- and undervoltage detection. The TPS3700
can be used as a window voltage detector or as two
independent voltage monitors; the monitored voltage
can be set with the use of external resistors.
OUTA is driven low when the voltage at INA+ drops
below (VITP – VHYS), and goes high when the voltage
returns above the respective threshold (VITP). OUTB
is driven low when the voltage at INB– rises above
VITP, and goes high when the voltage drops below the
respective threshold (VITP – VHYS). Both comparators
in the TPS3700 include built-in hysteresis for filtering
to reject brief glitches, thereby ensuring stable output
operation without false triggering.
The TPS3700 is available in a SOT-6 and a 1.5-mm
× 1.5-mm WSON-6 package and is specified over the
junction temperature range of –40°C to 125°C.




Similar Part No. - TPS3700-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3700-Q1 TI-TPS3700-Q1 Datasheet
1,014Kb / 28P
TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1 Datasheet
1Mb / 26P
Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI2-TPS3700-Q1 Datasheet
638Kb / 27P
TPS3700 High voltage (18V) window voltage detector with internal reference for over and undervoltage monitoring
REVISED FEBRUARY 2019
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1_16 Datasheet
1Mb / 26P
Window Comparator for Over- and Undervoltage Detection
More results


Similar Description - TPS3700-Q1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V6170 ETC1-V6170 Datasheet
165Kb / 12P
Accurate Voltage Window Surveillance and Software Monitoring
logo
Texas Instruments
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
Window Comparator for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
Window Comparator for Over- and Undervoltage Detection
logo
Linear Technology
LTC1998 LINER-LTC1998_15 Datasheet
141Kb / 12P
SOT-23 Comparator and Voltage Reference for Battery Monitoring
logo
Texas Instruments
TPS3700 TI-TPS3700_15 Datasheet
1,014Kb / 28P
TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
TPS3701 TI-TPS3701_15 Datasheet
1Mb / 27P
TPS3701 36-V Window Comparator with Internal Reference for Over- and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1_16 Datasheet
1Mb / 26P
Window Comparator for Over- and Undervoltage Detection
TLV6700 TI1-TLV6700 Datasheet
1Mb / 24P
Micropower, 18V Window Comparator With 400-mV Reference
logo
PHOENIX CONTACT
EMD-BL-V-230 PHOENIX-EMD-BL-V-230 Datasheet
139Kb / 6P
Undervoltage monitoring
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com