Electronic Components Datasheet Search
  English  ▼

X  

TPS3600D20 Datasheet (PDF) - Texas Instruments

TPS3600D20 Datasheet PDF - Texas Instruments
Part # TPS3600D20
Download  TPS3600D20 Download
File Size   672.62 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS

TPS3600D20 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3600D20 Datasheet PDF - Texas Instruments

Part # TPS3600D20
Download  TPS3600D20 Click to download

File Size   672.62 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS

TPS3600D20 Datasheet (HTML) - Texas Instruments


TPS3600D20 Product details

features
Supply Current of 40 μA (Max)
Precision Supply Voltage Monitor
− 2.0 V, 2.5 V, 3.3 V, 5.0 V
− Other Versions on Request
Watchdog Timer With 800-ms Time-Out
Backup-Battery Voltage Can Exceed VDD
Power-On Reset Generator With Fixed
100-ms Reset Delay Time
Battery OK Output
Voltage Monitor for Power-Fail or
Low-Battery Monitoring
Manual Switchover to Battery-Backup
Mode
Chip-Enable Gating −3 ns (at VDD = 5 V)
Max. Propagation Delay
Manual Reset
Battery Freshness Seal
14-Pin TSSOP Package
Temperature Range . . . −40°C to 85°C

typical applications
Fax Machines
Set-Top Boxes
Advanced Voice Mail Systems
Portable Battery Powered Equipment
Computer Equipment
Advanced Modems
Automotive Systems
Portable Long-Time Monitoring Equipment
Point of Sale Equipment

description
The TPS3600 family of supervisory circuits monitor and control processor activity. In case of power-fail or
brownout conditions, the backup-battery switchover function of TPS3600 allows to run a low-power processor
and its peripherals from the installed backup battery without asserting a reset beforehand.
During power on, RESET is asserted when the supply voltage (VDD or VBAT) becomes higher than Vres.
Thereafter, the supply voltage supervisor monitors VOUT and keeps RESET output active as long as VOUT
remains below the threshold voltage (VIT). An internal timer delays the return of the output to the inactive state
(high) to ensure proper system reset. This delay timer starts its time-out, after VOUT has risen above the
threshold voltage (VIT). In case of a brownout or power failure of both supply sources, a voltage drop below the
threshold voltage (VIT) get detected and the output becomes active (low) again.
The product spectrum is designed for supply voltages of 2 V, 2.5 V, 3.3 V, and 5 V. The circuits are available
in a 14-pin TSSOP package. They are characterized for operation over a temperature range of −40°C to 85°C.




Similar Part No. - TPS3600D20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20 TI1-TPS3600D20 Datasheet
1Mb / 26P
BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PW TI-TPS3600D20PW Datasheet
503Kb / 26P
BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PW TI1-TPS3600D20PW Datasheet
1Mb / 26P
BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PWG4 TI-TPS3600D20PWG4 Datasheet
503Kb / 26P
BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
More results


Similar Description - TPS3600D20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3600D20 TI1-TPS3600D20_16 Datasheet
1Mb / 26P
BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com