Electronic Components Datasheet Search
  English  ▼

X  

TPS2816DBVR Datasheet (PDF) - Texas Instruments

TPS2816DBVR Datasheet PDF - Texas Instruments
Part # TPS2816DBVR
Download  TPS2816DBVR Download
File Size   461.2 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER

TPS2816DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2816DBVR Datasheet PDF - Texas Instruments

Part # TPS2816DBVR
Download  TPS2816DBVR Click to download

File Size   461.2 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER

TPS2816DBVR Datasheet (HTML) - Texas Instruments


TPS2816DBVR Product details

Low-Cost Single-Channel High-Speed
MOSFET Driver
ICC . . . 15-μA Max (TPS2828, TPS2829)
25-ns Max Rise/Fall Times and 40-ns Max
Propagation Delay . . . 1-nF Load
2-A Peak Output Current
4-V to 14-V Driver Supply Voltage Range;
Internal Regulator Extends Range to 40 V
(TPS2816, TPS2817, TPS2818, TPS2819)
5-pin SOT-23 Package
–40°C to 125°C Ambient-Temperature
Operating Range
Highly Resistant to Latch-ups

description
The TPS28xx single-channel high-speed MOSFET
drivers are capable of delivering peak
currents of up to 2 A into highly capacitive loads.
High switching speeds (tr and tf = 14 ns typ) are
obtained with the use of BiCMOS outputs. Typical
threshold switching voltages are 2/3 and 1/3 of
VCC. The design inherently minimizes shootthrough
current.
A regulator is provided on TPS2816 through TPS2819 devices to allow operation with supply inputs between
14 V and 40 V. The regulator output can be used to power other circuits, provided power dissipation does not
exceed package limitations. If the regulator is not required, VDD (the regulator input) should be connected to
VCC. The TPS2816 and TPS2817 input circuits include an active pullup circuit to eliminate the need for an
external resistor when using open-collector PWM controllers. The TPS2818 and TPS2819 are identical to the
TPS2816 and TPS2817, except that the active pullup circuit is omitted. The TPS2828 and TPS2829 are
identical to the TPS2818 and TPS2819, except that the internal voltage regulator is omitted, allowing quiescent
current to drop to less than 15 μA when the inputs are high or low.
The TPS28xx series devices are available in 5-pin SOT-23 (DBV) packages and operate over an ambient
temperature range of –40C to 125C.




Similar Part No. - TPS2816DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2816DBVR TI1-TPS2816DBVR Datasheet
910Kb / 24P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIBER
TPS2816DBVRG4 TI1-TPS2816DBVRG4 Datasheet
910Kb / 24P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIBER
More results


Similar Description - TPS2816DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2816 TI-TPS2816 Datasheet
371Kb / 20P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
High Speed, Single Channel, Power MOSFET Driver
May 6, 2005
logo
Linear Technology
LTC1693-5 LINER-LTC1693-5 Datasheet
150Kb / 8P
High Speed Single P-Channel MOSFET Driver
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP Datasheet
576Kb / 24P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Unisonic Technologies
US2829 UTC-US2829 Datasheet
154Kb / 4P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP_09 Datasheet
595Kb / 24P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Unisonic Technologies
US2829 UTC-US2829_11 Datasheet
146Kb / 4P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Linear Technology
LTC1693-5 LINER-LTC1693-5_15 Datasheet
161Kb / 8P
High Speed Single P-Channel MOSFET Driver
logo
Unisonic Technologies
US2829 UTC-US2829_15 Datasheet
146Kb / 4P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI1-TPS2816-EP_15 Datasheet
456Kb / 25P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com