Electronic Components Datasheet Search
  English  ▼

X  

TPS2301 Datasheet (PDF) - Texas Instruments

TPS2301 Datasheet PDF - Texas Instruments
Part # TPS2301
Download  TPS2301 Download
File Size   675.18 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING

TPS2301 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2301 Datasheet PDF - Texas Instruments

Part # TPS2301
Download  TPS2301 Click to download

File Size   675.18 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING

TPS2301 Datasheet (HTML) - Texas Instruments


TPS2301 Product details

1FEATURES
• Dual-Channel High-Side MOSFET Drivers
• IN1: 3 V to 13 V; IN2: 3 V to 5.5 V
• Output dV/dt Control Limits Inrush Current
• Circuit-Breaker With Programmable
Overcurrent Threshold and Transient Timer
• Power-Good Reporting With Transient Filter
• CMOS- and TTL-Compatible Enable Input
• Low, 5-μA Standby Supply Current (Max)
• Available in 20-Pin TSSOP Package
• 40°C to 85°C Ambient Temperature Range
• Electrostatic Discharge Protection

APPLICATIONS
• Hot-Swap/Plug/Dock Power Management
• Hot-Plug PCI, Device Bay
• Electronic Circuit Breaker

DESCRIPTION
The TPS2300 and TPS2301 are dual-channel hotswap
controllers that use external N-channel
MOSFETs as high-side switches in power
applications. Features of these devices, such as
overcurrent protection (OCP), inrush current control,
output-power status reporting, and the ability to
discriminate between load transients and faults, are
critical requirements for hot-swap applications.
The TPS2300/01 devices incorporate undervoltage lockout (UVLO) and power-good (PG) reporting to ensure the
device is off at start-up and confirm the status of the output voltage rails during operation. Each internal charge
pump, capable of driving multiple MOSFETs, provides enough gate-drive voltage to fully enhance the N-channel
MOSFETs. The charge pumps control both the rise times and fall times (dv/dt) of the MOSFETs, reducing power
transients during power up/down. The circuit-breaker functionality combines the ability to sense overcurrent
conditions with a timer function; this allows designs such as DSPs, that may have high peak currents during
power-state transitions, to disregard transients for a programmable period.




Similar Part No. - TPS2301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2301 TI-TPS2301 Datasheet
422Kb / 22P
DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2301IPW TI-TPS2301IPW Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2301IPW TI-TPS2301IPW Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2301IPW TI1-TPS2301IPW Datasheet
456Kb / 25P
DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2301IPW TI2-TPS2301IPW Datasheet
674Kb / 29P
DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
REVISED JULY 2013
More results


Similar Description - TPS2301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI-TPS2310 Datasheet
423Kb / 22P
DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
TPS2330 TI-TPS2330 Datasheet
345Kb / 20P
SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2331ID TI-TPS2331ID Datasheet
951Kb / 25P
SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com