Electronic Components Datasheet Search
  English  ▼

X  

TPS2041 Datasheet (PDF) - Texas Instruments

TPS2041 Datasheet PDF - Texas Instruments
Part # TPS2041
Download  TPS2041 Download
File Size   518.52 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description POWER-DISTRIBUTION SWITCHES

TPS2041 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2041 Datasheet PDF - Texas Instruments

Part # TPS2041
Download  TPS2041 Click to download

File Size   518.52 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description POWER-DISTRIBUTION SWITCHES

TPS2041 Datasheet (HTML) - Texas Instruments


TPS2041 Product details

135-mW -Maximum (5-V Input) High-Side
MOSFET Switch
500 mA Continuous Current
Short-Circuit and Thermal Protection With
Overcurrent Logic Output
Operating Range . . . 2.7 V to 5.5 V
Logic-Level Enable Input
2.5-ms Typical Rise Time
Undervoltage Lockout
10 mA Maximum Standby Supply Current
Bidirectional Switch
Available in 8-pin SOIC and PDIP Packages
Ambient Temperature Range, –40°C to 85°C
2-kV Human-Body-Model, 200-V
Machine-Model ESD Protection
UL Listed – File No. E169910

description
The TPS2041 and TPS2051 power distribution switches are intended for applications where heavy capacitive
loads and short circuits are likely to be encountered. The TPS2041 and the TPS2051 are 135-mW N-channel
MOSFET high-side power switches. Each switch is controlled by a logic enable compatible with 5-V and 3-V
logic. Gate drive is provided by an internal charge pump that controls the power-switch rise times and fall times
to minimize current surges during switching. The charge pump requires no external components and allows
operation from supplies as low as 2.7 V.
When the output load exceeds the current-limit threshold or a short is present, the TPS2041 and TPS2051 limit
the output current to a safe level by switching into a constant-current mode, pulling the overcurrent (OC) logic
output low. When continuous heavy overloads and short circuits increase the power dissipation in the switch,
causing the junction temperature to rise, a thermal protection circuit shuts off the switch in overcurrent to prevent
damage. Recovery from a thermal shutdown is automatic once the device has cooled sufficiently. Internal
circuitry ensures the switch remains off until valid input voltage is present.
The TPS2041 and TPS2051 are designed to limit at 0.9-A load. These power distribution switches are available
in 8-pin small-outline integrated circuit (SOIC) and 8-pin plastic dual-in-line packages (PDIP) and operate over
an ambient temperature range of –40°C to 85°C.




Similar Part No. - TPS2041

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2041 TI-TPS2041 Datasheet
416Kb / 23P
POWER-DISTRIBUTION SWITCHES
TPS2041 TI-TPS2041 Datasheet
470Kb / 25P
POWER DISTRIBUTION SWITCHES
TPS2041A TI-TPS2041A Datasheet
484Kb / 32P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2041A TI1-TPS2041A Datasheet
1,011Kb / 34P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2041A TI2-TPS2041A Datasheet
578Kb / 34P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SEPTEMBER 2000
More results


Similar Description - TPS2041

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
POWER-DISTRIBUTION SWITCHES
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
POWER-DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
POWER DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
POWER-DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
POWER-DISTRIBUTION SWITCHES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com