Electronic Components Datasheet Search
  English  ▼

X  

TPS2049 Datasheet (PDF) - Texas Instruments

TPS2049 Datasheet PDF - Texas Instruments
Part # TPS2049
Download  TPS2049 Download
File Size   676.3 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-CHANNEL 100 mA POWER SWITCH

TPS2049 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2049 Datasheet PDF - Texas Instruments

Part # TPS2049
Download  TPS2049 Click to download

File Size   676.3 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-CHANNEL 100 mA POWER SWITCH

TPS2049 Datasheet (HTML) - Texas Instruments


TPS2049 Product details

1FEATURES
· 100-mA Continuous Current
· 600-mΩ High-Side MOSFET
· Thermal and Short-Circuit Protection
· Operating Range: 2.7 V to 5.5 V
· 0.6-ms Typical Rise Time
· Undervoltage Lockout
· Deglitched Fault Report (OC)
· 43 mA Quiescent Supply Current
· 1-mA Maximum Standby Supply Current
· SOIC-8 Package
· Ambient Temperature Range: –40°C to 85°C
· 2 mS Response Time to Short Circuit

DESCRIPTION
The TPS2049 power-distribution switch is intended for applications where heavy capacitive loads and short
circuits are likely to be encountered. This device incorporates a 600-mΩ N-channel MOSFET power switch for
power-distribution systems that require only one power distribution path. The switch is controlled by a logic
enable input. Gate drive is provided by an internal charge pump designed to control the power-switch rise times
and fall times to minimize current surges during switching. The charge pump requires no external components
and allows operation from supplies as low as 2.7V.
When the output load exceeds the current-limit threshold or a short is present, the device limits the output current
to a safe level by switching into a constant-current mode, pulling the overcurrent (OC) logic output low. When
continuous heavy overloads and short circuits increase the power dissipation in the switch, causing the junction
temperature to rise, a thermal protection circuit shuts off the switch to prevent damage. Recovery from a thermal
shutdown is automatic once the device has cooled sufficiently. Internal circuitry ensures the switch remains off
until valid input voltage is present. This power-distribution switch is designed to set current limit at 150mA
typically.




Similar Part No. - TPS2049

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2049 TI-TPS2049 Datasheet
247Kb / 13P
SINGLE-CHANNEL 100 mA POWER SWITCH
TPS2049D TI-TPS2049D Datasheet
247Kb / 13P
SINGLE-CHANNEL 100 mA POWER SWITCH
TPS2049DG4 TI-TPS2049DG4 Datasheet
247Kb / 13P
SINGLE-CHANNEL 100 mA POWER SWITCH
TPS2049DR TI-TPS2049DR Datasheet
247Kb / 13P
SINGLE-CHANNEL 100 mA POWER SWITCH
TPS2049DRG4 TI-TPS2049DRG4 Datasheet
247Kb / 13P
SINGLE-CHANNEL 100 mA POWER SWITCH
More results


Similar Description - TPS2049

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625 Datasheet
395Kb / 8P
USB Single-Channel Power Switch
logo
Texas Instruments
TPS2049 TI-TPS2049 Datasheet
247Kb / 13P
SINGLE-CHANNEL 100 mA POWER SWITCH
logo
Advanced Analog Technol...
AAT4625 AAT-AAT4625 Datasheet
400Kb / 15P
USB Single-Channel Power Switch
4625.2006.04.1.2
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
USB Single-Channel Power Switch
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
0.5A Single Channel USB Power Switch
TS2023 TSC-TS2023 Datasheet
396Kb / 8P
1A Single Channel USB Power Switch
TS2024 TSC-TS2024 Datasheet
395Kb / 8P
1.5A Single Channel USB Power Switch
logo
HTC Korea TAEJIN Techno...
TJ2110 HTC-TJ2110 Datasheet
981Kb / 14P
Single-Channel Power Distribution Switch
logo
Diodes Incorporated
AP22802 DIODES-AP22802 Datasheet
552Kb / 14P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
Rev erse
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
Single-Channel Power Distribution Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com