Electronic Components Datasheet Search
  English  ▼

X  

PS72518 Datasheet (PDF) - Texas Instruments

PS72518 Datasheet PDF - Texas Instruments
Part # PS72518
Download  PS72518 Download
File Size   761.11 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR

PS72518 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS72518 Datasheet PDF - Texas Instruments

Part # PS72518
Download  PS72518 Click to download

File Size   761.11 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR

PS72518 Datasheet (HTML) - Texas Instruments


PS72518 Product details

1FEATURES
• 1-A Output Current
• Available in 1.5-V, 1.6-V, 1.8-V, 2.5-V
Fixed-Output and Adjustable Versions
(1.2-V to 5.5-V)
• Input Voltage Down to 1.8 V
• Low 170-mV Dropout Voltage at 1 A
(TPS72525)
• Stable With Any Type/Value Output Capacitor
• Integrated Supervisor (SVS) With 50-ms
RESET Delay Time
• Low 210-μA Ground Current at Full Load
(TPS72525)
• Less than 1-μA Standby Current
• ±2% Output Voltage Tolerance Over Line,
Load, and Temperature (-40°C to 125°C)
• Integrated UVLO
• Thermal and Overcurrent Protection
• 5-Lead SOT223-5 or DDPAK and 8-Pin SOP
(TPS72501 only) Surface Mount Package

APPLICATIONS
• PCI Cards
• Modem Banks
• Telecom Boards
• DSP, FPGA, and Microprocessor Power
Supplies
• Portable, Battery-Powered Applications

DESCRIPTION
The TPS725xx family of 1-A low-dropout (LDO) linear
regulators has fixed voltage options available that are
commonly used to power the latest DSPs, FPGAs,
and microcontrollers. An adjustable option ranging
from 1.22 V to 5.5 V is also available. The integrated
supervisory circuitry provides an active low RESET
signal when the output falls out of regulation. The no
capacitor/any capacitor feature allows the customer
to tailor output transient performance as needed.
Therefore, compared to other regulators capable of
providing the same output current, this family of
regulators can provide a stand-alone power supply
solution or a post regulator for a switch mode power
supply.
These regulators are ideal for higher current
applications. The family operates over a wide range
of input voltages (1.8 V to 6 V) and has very low
dropout (170 mV at 1-A).
Ground current is typically 210 μA at full load and
drops to less than 80 μA at no load. Standby current
is less than 1 μA.
Each regulator option is available in either a
SOT223-5, D (TPS72501 only), or DDPAK package.
With a low input voltage and properly heatsinked
package, the regulator dissipates more power and
achieves higher efficiencies than similar regulators
requiring 2.5 V or more minimum input voltage and
higher quiescent currents. These features make it a
viable power supply solution for portable,
battery-powered equipment.




Similar Part No. - PS72518

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PS72518 TI1-PS72518 Datasheet
1Mb / 29P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
More results


Similar Description - PS72518

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72501 TI-TPS72501 Datasheet
535Kb / 18P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615 TI-TPS72615 Datasheet
441Kb / 15P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS726126 TI-TPS726126 Datasheet
445Kb / 16P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_07 Datasheet
716Kb / 22P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
Linear Low-Dropout 150mA Voltage Regulators
logo
Texas Instruments
TPS72616DCQRG4 TI-TPS72616DCQRG4 Datasheet
740Kb / 23P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
Linear Low-Dropout 150mA Voltage Regulators
logo
Texas Instruments
TPS72501 TI-TPS72501_15 Datasheet
1,010Kb / 29P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI1-TPS72501_16 Datasheet
1Mb / 29P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS726126 TI1-TPS726126_16 Datasheet
992Kb / 23P
LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com