Electronic Components Datasheet Search
  English  ▼

X  

TPS7301QP.A Datasheet (PDF) - Texas Instruments

TPS7301QP.A Datasheet PDF - Texas Instruments
Part # TPS7301QP.A
Download  TPS7301QP.A Download
File Size   744.42 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION

TPS7301QP.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7301QP.A Datasheet PDF - Texas Instruments

Part # TPS7301QP.A
Download  TPS7301QP.A Click to download

File Size   744.42 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION

TPS7301QP.A Datasheet (HTML) - Texas Instruments


TPS7301QP.A Product details

Available in 2.5-V, 3-V, 3.3-V, 4.85-V, and 5-V
Fixed-Output and Adjustable Versions
Integrated Precision Supply-Voltage
Supervisor Monitoring Regulator Output
Voltage
Active-Low Reset Signal with 200-ms Pulse
Width
Very Low Dropout Voltage . . . Maximum of
35 mV at IO = 100 mA (TPS7350)
Low Quiescent Current – Independent of
Load . . . 340 mA Typ
Extremely Low Sleep-State Current,
0.5 mA Max
2% Tolerance Over Full Range of Load,
Line, and Temperature for Fixed-Output
Versions§
Output Current Range of 0 mA to 500 mA
TSSOP Package Option Offers Reduced
Component Height For Critical Applications

description
The TPS73xx devices are members of a family of
micropower low-dropout (LDO) voltage regulators.
They are differentiated from the TPS71xx and TPS72xx LDOs by their integrated delayed microprocessor-reset
function. If the precision delayed reset is not required, the TPS71xx and TPS72xx should be considered




Similar Part No. - TPS7301QP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7301QP TI-TPS7301QP Datasheet
638Kb / 43P
LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7301QP TI1-TPS7301QP Datasheet
954Kb / 45P
LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7301QP TI1-TPS7301QP Datasheet
1Mb / 45P
LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7301QPE4 TI1-TPS7301QPE4 Datasheet
954Kb / 45P
LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7301QPW TI-TPS7301QPW Datasheet
638Kb / 43P
LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
More results


Similar Description - TPS7301QP.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
Low Dropout Regulator with Delayed Reset
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
Low Dropout Regulator with Delayed Reset
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
Low-Dropout System Voltage Regulator with Delayed Reset
logo
Texas Instruments
TPS7301Q TI-TPS7301Q Datasheet
638Kb / 43P
LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
logo
Cherry Semiconductor Co...
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 2/5/99
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 5/4/99
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
Low Dropout Regulator with Delayed Reset
logo
Texas Instruments
TPS7301Q TI1-TPS7301Q_12 Datasheet
954Kb / 45P
LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7301Q TI1-TPS7301Q_16 Datasheet
1Mb / 45P
LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com