Electronic Components Datasheet Search
  English  ▼

X  

TPA2037D1 Datasheet (PDF) - Texas Instruments

TPA2037D1 Datasheet PDF - Texas Instruments
Part # TPA2037D1
Download  TPA2037D1 Download
File Size   594.71 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery

TPA2037D1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA2037D1 Datasheet PDF - Texas Instruments

Part # TPA2037D1
Download  TPA2037D1 Click to download

File Size   594.71 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery

TPA2037D1 Datasheet (HTML) - Texas Instruments


TPA2037D1 Product details

1FEATURES
• Powerful Mono Class-D Speaker Amplifier
– 3.24 W (4 Ω, 5 V, 10% THDN)
– 2.57 W (4 Ω, 5 V, 1% THDN)
– 1.80 W (8 Ω, 5 V, 10% THDN)
– 1.46 W (8 Ω, 5 V, 1% THDN)
• +6 dB Fixed Gain
• Integrated Image Reject Filter for DAC Noise
Reduction
• Low Output Noise of 20 mV
• Low Quiescent Current of 1.5 mA
• Differential Input Impedance of 300 kΩ
• Auto-Recovering Short-Circuit Protection
• Thermal-Overload Protection
• Filter-Free Mono Class-D Amp
• 9-Ball 1,21 mm × 1,16 mm 0,4mm Pitch WCSP

APPLICATIONS
• Wireless or Cellular Handsets and PDAs
• Portable Navigation Devices
• General Portable Audio Devices

DESCRIPTION
The TPA2037D1 is a 3.2 W high efficiency filter-free class-D audio power amplifier (class-D amp) with
6 dB of fixed gain in a 1.21 mm x 1.16 mm wafer chip
scale package (WCSP). The device requires only one
external component.
Features like 95% efficiency, 1.5 mA quiescent
current, 0.1 mA shutdown current, 81-dB PSRR,
20 mV output noise, and improved RF immunity make
the TPA2037D1 class-D amplifier ideal for cellular
handsets. A start-up time of 4 ms with no audible pop
makes the TPA2037D1 ideal for PDA and
smart-phone applications.




Similar Part No. - TPA2037D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2037D1 TI-TPA2037D1 Datasheet
499Kb / 17P
3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2037D1YFFR TI-TPA2037D1YFFR Datasheet
499Kb / 17P
3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2037D1YFFT TI-TPA2037D1YFFT Datasheet
499Kb / 17P
3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1_15 Datasheet
905Kb / 20P
3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
More results


Similar Description - TPA2037D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2037D1 TI-TPA2037D1 Datasheet
499Kb / 17P
3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2011D1 TI-TPA2011D1 Datasheet
619Kb / 23P
3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2039D1 TI-TPA2039D1 Datasheet
452Kb / 17P
3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
TPA2038D1 TI1-TPA2038D1 Datasheet
753Kb / 22P
3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
3.2W Mono Filter-Free Class-D Audio Power Amplifier
TPA2039D1YFFEVM TI-TPA2039D1YFFEVM Datasheet
738Kb / 20P
3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1_15 Datasheet
905Kb / 20P
3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
logo
Diodes Incorporated
PAM8014 DIODES-PAM8014 Datasheet
706Kb / 9P
3.2W MONO CLASS D AUDIO AMPLIFIER
Rev 1
logo
Nuvoton Technology Corp...
NAU82039 NUVOTON-NAU82039 Datasheet
788Kb / 18P
3.2W Mono Filter-Free Class-D Audio Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com