Electronic Components Datasheet Search
  English  ▼

X  

0830827 Datasheet (PDF) - PHOENIX CONTACT

0830827 Datasheet PDF - PHOENIX CONTACT
Part # 0830827
Download  0830827 Download
File Size   185.49 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WML HF 5(25X10)R YE CUS - Cable marker

0830827 Datasheet (PDF)

Go To PDF Page Download Datasheet
0830827 Datasheet PDF - PHOENIX CONTACT

Part # 0830827
Download  0830827 Click to download

File Size   185.49 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WML HF 5(25X10)R YE CUS - Cable marker

0830827 Datasheet (HTML) - PHOENIX CONTACT


0830827 Product details

Cable marker, can be ordered: by line, yellow, labeled according to customer specifications,
cable diameter range: 3.2 ... 5.1 mm, mounting type: adhesive, cable diameter: ≤ 5.1 mm, text
field height: 10 mm, text field width: 25 mm




Similar Part No. - 0830827

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830820 PHOENIX-0830820 Datasheet
185Kb / 6P
WML HF 22(25X25)R - Wire-wrap label
0830821 PHOENIX-0830821 Datasheet
186Kb / 6P
WML HF 22(25X25)R YE - Wire-wrap label
0830822 PHOENIX-0830822 Datasheet
186Kb / 6P
WML HF 36(25X38)R - Wire-wrap label
0830823 PHOENIX-0830823 Datasheet
187Kb / 6P
WML HF 36(25X38)R YE - Wire-wrap label
0830824 PHOENIX-0830824 Datasheet
182Kb / 5P
WML HF 3(13X10)R CUS - Cable marker
More results


Similar Description - 0830827

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0824471 PHOENIX-0824471 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB YE CUS
0824595 PHOENIX-0824595 Datasheet
55Kb / 3P
Marker for terminal blocks - UC-TM 6 YE CUS
0824627 PHOENIX-0824627 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 16 YE CUS
0824940 PHOENIX-0824940 Datasheet
57Kb / 2P
Zack marker strip - ZB 10/YE CUS
0824976 PHOENIX-0824976 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/YE CUS
0825051 PHOENIX-0825051 Datasheet
54Kb / 2P
Zack marker sheet - ZBM 5 CUS
0828488 PHOENIX-0828488 Datasheet
52Kb / 3P
Marker cards - SBS 5 CUS
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
0830691 PHOENIX-0830691 Datasheet
59Kb / 3P
Cable marker label - WML 7,5 (25X13)A4
01/02/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com