Electronic Components Datasheet Search
  English  ▼

X  

0830204 Datasheet (PDF) - PHOENIX CONTACT

0830204 Datasheet PDF - PHOENIX CONTACT
Part # 0830204
Download  0830204 Download
File Size   194.18 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCT-WMS 3,2 (12X4) RD CUS - Wire marking tag

0830204 Datasheet (PDF)

Go To PDF Page Download Datasheet
0830204 Datasheet PDF - PHOENIX CONTACT

Part # 0830204
Download  0830204 Click to download

File Size   194.18 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCT-WMS 3,2 (12X4) RD CUS - Wire marking tag

0830204 Datasheet (HTML) - PHOENIX CONTACT


0830204 Product details

Wire marking tag, Sheet, can be ordered: by sheet, red, labeled according to customer
specifications, cable diameter range: 1.5 ... 3.2 mm, mounting type: slide-on, for terminal block
width: 5.2 mm, Number of individual labels: 55, text field height: 4 mm, text field width: 12 mm




Similar Part No. - 0830204

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830200 PHOENIX-0830200 Datasheet
197Kb / 6P
UCT-WMS 3,2 (12X4) OG - Wire marking tag
0830201 PHOENIX-0830201 Datasheet
191Kb / 5P
UCT-WMS 3,2 (12X4) VT - Wire marking tag
0830202 PHOENIX-0830202 Datasheet
196Kb / 6P
UCT-WMS 3,2 (12X4) BU - Wire marking tag
0830203 PHOENIX-0830203 Datasheet
195Kb / 6P
UCT-WMS 3,2 (12X4) GN - Wire marking tag
0830206 PHOENIX-0830206 Datasheet
188Kb / 5P
UCT-WMS 3,2 (12X4) VT CUS - Wire marking tag
More results


Similar Description - 0830204

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273816 PHOENIX-3273816 Datasheet
69Kb / 4P
Distribution block - PTFIX 12X4 RD
0829581 PHOENIX-0829581 Datasheet
55Kb / 3P
Marker for terminal blocks - UCT-TM 3,5 CUS
0829644 PHOENIX-0829644 Datasheet
55Kb / 4P
Marker for terminal blocks - UCT-TMF 3,5 CUS
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
1014124 PHOENIX-1014124 Datasheet
57Kb / 3P
Snap-in markers - UCT-EMP (40X17) CUS
09/11/2020
0832100 PHOENIX-0832100 Datasheet
59Kb / 4P
Conductor marking - UCT-WMCO 1,9 (23X4)
09/11/2020
3273552 PHOENIX-3273552 Datasheet
481Kb / 20P
Distribution block - PTFIX 12X4-NS35 RD
Jun 23, 2022
3273684 PHOENIX-3273684 Datasheet
483Kb / 20P
Distribution block - PTFIX 12X4-NS35A RD
Jun 15, 2022
3273948 PHOENIX-3273948 Datasheet
473Kb / 18P
Distribution block - PTFIX 12X4-G RD
Jul 20, 2022
3274014 PHOENIX-3274014 Datasheet
470Kb / 18P
Distribution block - PTFIX 10/12X4-G RD
Nov 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com