Electronic Components Datasheet Search
  English  ▼

X  

TMP422-Q1 Datasheet (PDF) - Texas Instruments

TMP422-Q1 Datasheet PDF - Texas Instruments
Part # TMP422-Q1
Download  TMP422-Q1 Download
File Size   719.72 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ±1°C Remote and Local TEMPERATURE SENSOR

TMP422-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP422-Q1 Datasheet PDF - Texas Instruments

Part # TMP422-Q1
Download  TMP422-Q1 Click to download

File Size   719.72 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ±1°C Remote and Local TEMPERATURE SENSOR

TMP422-Q1 Datasheet (HTML) - Texas Instruments


TMP422-Q1 Product details

1FEATURES
234• SOT23-8 and DSBGA (WCSP) PACKAGES
• ±1°C REMOTE DIODE SENSOR (MAX)
• ±1.5°C LOCAL TEMPERATURE SENSOR (MAX)
• SERIES RESISTANCE CANCELLATION
• n-FACTOR CORRECTION
• TWO-WIRE/ SMBus™ SERIAL INTERFACE
• MULTIPLE INTERFACE ADDRESSES
• DIODE FAULT DETECTION
• RoHS COMPLIANT AND NO Sb/Br

APPLICATIONS
• PROCESSOR/FPGA TEMPERATURE
MONITORING
• LCD/ DLP®/LCOS PROJECTORS
• SERVERS
• CENTRAL OFFICE TELECOM EQUIPMENT
• STORAGE AREA NETWORKS (SAN)

DESCRIPTION
The TMP421, TMP422, and TMP423 are remote
temperature sensor monitors with a built-in local
temperature sensor. The remote temperature sensor
diode-connected transistors are typically low-cost,
NPN- or PNP-type transistors or diodes that are an
integral part of microcontrollers, microprocessors, or FPGAs.
Remote accuracy is ±1°C for multiple IC
manufacturers, with no calibration needed. The two-
wire serial interface accepts SMBus write byte, read
byte, send byte, and receive byte commands to
configure the device.
The TMP421, TMP422, and TMP423 include series
resistance cancellation, programmable non-ideality
factor, wide remote temperature measurement range
(up to +150°C), and diode fault detection.
The TMP421, TMP422, and TMP423 are all available
in a SOT23-8 package. The TMP421C is also
available in a DSBGA (WCSP) package.




Similar Part No. - TMP422-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP422-Q1 TI1-TMP422-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
TMP422-Q1 TI2-TMP422-Q1 Datasheet
732Kb / 38P
TMP42x-Q1 ±1°C Remote and Local Temperature Sensor
NOVEMBER 2016
TMP422-Q1 TI2-TMP422-Q1 Datasheet
1,003Kb / 31P
±1°C REMOTE TEMPERATURE AND ±2.5°C LOCAL TEMPERATURE SENSOR IN SOT23-8
SEPTEMBER 2011
TMP422-Q1 TI2-TMP422-Q1 Datasheet
731Kb / 37P
±1°C Remote and Local TEMPERATURE SENSOR
REVISED MAY 2012
TMP422-Q1 TI2-TMP422-Q1 Datasheet
738Kb / 38P
TMP42x-Q1 ±1°C Remote and Local Temperature Sensor
NOVEMBER 2016
More results


Similar Description - TMP422-Q1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_08 Datasheet
154Kb / 14P
±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642_0910 MAXIM-MAX6642_0910 Datasheet
160Kb / 14P
±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
logo
Texas Instruments
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
짹1째C Remote and Local TEMPERATURE SENSOR
logo
Maxim Integrated Produc...
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
logo
ON Semiconductor
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARMZ-1 ONSEMI-ADM1032ARMZ-1 Datasheet
203Kb / 18P
1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
Digital Remote and Local Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com