Electronic Components Datasheet Search
  English  ▼

X  

TLV7031 Datasheet (PDF) - Texas Instruments

TLV7031 Datasheet PDF - Texas Instruments
Part # TLV7031
Download  TLV7031 Download
File Size   655.64 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV7081 Nano-Power, 4-Bump WCSP, Small-Size Comparator

TLV7031 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV7031 Datasheet PDF - Texas Instruments

Part # TLV7031
Download  TLV7031 Click to download

File Size   655.64 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV7081 Nano-Power, 4-Bump WCSP, Small-Size Comparator

TLV7031 Datasheet (HTML) - Texas Instruments


TLV7031 Product details

1 Features
1• Wide Supply Voltage Range: 1.7 V to 5.5 V
• Quiescent Supply Current of 370 nA
• Low Propagation Delay of 4 μs
• Open-Drain Output
• Independent Input Voltage Range up to 5.6 V
• Internal Hysteresis: 10 mV
• Temperature Range: –40°C to +125°C
• Package:
– 0.7 mm × 0.7 mm WCSP (4)

2 Applications
• Smartphones
• Notebook PCs and Tablets
• Optical Modules
• Digital Cameras
• Relays and Circuit Breakers
• Portable Medical Devices
• Door and Window Sensors
• Video Game Controllers

3 Description
The TLV7081 is a single-channel, nano-power
comparator that operates down to 1.7 V. The
comparator is available in an ultra-small, WCSP
package measuring 0.7 mm × 0.7 mm, making the
TLV7081 applicable for space-critical designs like
smartphones and other portable or battery-powered
applications.
The TLV7081 features a wide input-voltage range
that is independent of supply voltage. Having an input
range that is independent of supply voltage allows the
TLV7081 to be directly connected to sources that are
active even if the TLV7081 is not powered.
The TLV7081 has an open-drain output stage that
can be pulled beyond V+, making it appropriate for
level translators and bipolar to single-ended
converters.




Similar Part No. - TLV7031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7031 TI1-TLV7031 Datasheet
920Kb / 35P
Micro-Package, nanoPower, Low-Voltage Comparators
TLV7031 TI1-TLV7031 Datasheet
1Mb / 33P
Small-Size, Micro-Power, Low-Voltage Comparators
TLV7031 TI1-TLV7031 Datasheet
1Mb / 34P
Small Size, nanoPower, Low-Voltage Comparators
TLV7031 TI1-TLV7031 Datasheet
1Mb / 38P
Small-size, micro-power, low-voltage comparators
TLV7031 TI1-TLV7031 Datasheet
1Mb / 42P
Small Size, Nanopower, Low-Voltage Comparators
More results


Similar Description - TLV7031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7081 TI1-TLV7081 Datasheet
409Kb / 18P
Nano-Power, Small-Size, Low-Voltage Comparator
TLV7081 TI1-TLV7081_18 Datasheet
1Mb / 22P
Nano-Power, 4-Bump WCSP, Small-Size Comparator
TLV4021 TI1-TLV4021 Datasheet
635Kb / 21P
Small-Size, Low-Power Comparator with Precision Reference
TLV4021 TI1-TLV4021_19 Datasheet
1Mb / 33P
Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI1-TLV4021_V02 Datasheet
1Mb / 33P
TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI-TLV4021_V03 Datasheet
1Mb / 38P
TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
TLV841 TI-TLV841 Datasheet
1Mb / 33P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
TLV841 TI-TLV841_V01 Datasheet
2Mb / 34P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
REVISED JULY 2021
TLV4021 TI-TLV4021_V04 Datasheet
2Mb / 36P
TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
DECEMBER 2021
TLV841 TI-TLV841_V02 Datasheet
2Mb / 35P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
JULY 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com