Electronic Components Datasheet Search
  English  ▼

X  

0829971 Datasheet (PDF) - PHOENIX CONTACT

0829971 Datasheet PDF - PHOENIX CONTACT
Part # 0829971
Download  0829971 Download
File Size   186.08 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description US-WMT (15X4) CUS - Cable marker

0829971 Datasheet (PDF)

Go To PDF Page Download Datasheet
0829971 Datasheet PDF - PHOENIX CONTACT

Part # 0829971
Download  0829971 Click to download

File Size   186.08 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description US-WMT (15X4) CUS - Cable marker

0829971 Datasheet (HTML) - PHOENIX CONTACT


0829971 Product details

Cable marker, Card, can be ordered: by card, white, labeled according to customer
specifications, cable diameter range: 0.6 ... 50 mm, mounting type: insert, Number of individual
labels: 84, text field height: 4 mm, text field width: 15 mm




Similar Part No. - 0829971

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0829970 PHOENIX-0829970 Datasheet
186Kb / 4P
US-WMT (12X4) GN CUS - Cable marker
0829972 PHOENIX-0829972 Datasheet
189Kb / 4P
US-WMT (15X4) RD CUS - Cable marker
0829973 PHOENIX-0829973 Datasheet
188Kb / 4P
US-WMT (15X4) OG CUS - Cable marker
0829974 PHOENIX-0829974 Datasheet
189Kb / 4P
US-WMT (15X4) YE CUS - Cable marker
0829975 PHOENIX-0829975 Datasheet
186Kb / 4P
US-WMT (15X4) VT CUS - Cable marker
More results


Similar Description - 0829971

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824470 PHOENIX-0824470 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB WH CUS
0828488 PHOENIX-0828488 Datasheet
52Kb / 3P
Marker cards - SBS 5 CUS
0828489 PHOENIX-0828489 Datasheet
57Kb / 3P
Marker cards - SBS 6 CUS
0828490 PHOENIX-0828490 Datasheet
56Kb / 2P
Marker cards - SBS 8 CUS
0828491 PHOENIX-0828491 Datasheet
50Kb / 3P
Marker cards - SBS10 CUS
0801426 PHOENIX-0801426 Datasheet
61Kb / 4P
Conductor marker - UCT-WMT (30X4) GN
09/11/2020
0818768 PHOENIX-0818768 Datasheet
58Kb / 3P
Conductor marker - UC-WMC 3,1 (15X4) GN
09/11/2020
0824443 PHOENIX-0824443 Datasheet
54Kb / 2P
Cable marker - PABA WH/10 CUS
09/11/2020
0824444 PHOENIX-0824444 Datasheet
54Kb / 2P
Cable marker - PABA WH/15 CUS
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com