Electronic Components Datasheet Search
  English  ▼

X  

0826811 Datasheet (PDF) - PHOENIX CONTACT

0826811 Datasheet PDF - PHOENIX CONTACT
Part # 0826811
Download  0826811 Download
File Size   186.68 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC-WMTBA (60X11) GN CUS - Cable marker

0826811 Datasheet (PDF)

Go To PDF Page Download Datasheet
0826811 Datasheet PDF - PHOENIX CONTACT

Part # 0826811
Download  0826811 Click to download

File Size   186.68 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC-WMTBA (60X11) GN CUS - Cable marker

0826811 Datasheet (HTML) - PHOENIX CONTACT


0826811 Product details

Cable marker, can be ordered: by sheet, green, labeled according to customer specifications,
mounting type: Assembly with cable ties, cable diameter: > 6 mm, Number of individual labels: 4,
text field height: 11 mm, text field width: 60 mm




Similar Part No. - 0826811

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0826812 PHOENIX-0826812 Datasheet
188Kb / 5P
UC-WMTBA (60X11) OG CUS - Cable marker
0826813 PHOENIX-0826813 Datasheet
183Kb / 5P
UC-WMTBA (60X11) VT CUS - Cable marker
More results


Similar Description - 0826811

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824589 PHOENIX-0824589 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 6 CUS
0824591 PHOENIX-0824591 Datasheet
68Kb / 3P
Marker for terminal blocks - UC-TM 6 GN CUS
0824630 PHOENIX-0824630 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 4 CUS
0824678 PHOENIX-0824678 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 16 CUS
0820183 PHOENIX-0820183 Datasheet
59Kb / 4P
Cable marker - UC-WMTBA (29X8)
09/11/2020
0820390 PHOENIX-0820390 Datasheet
60Kb / 4P
Cable marker - UC-WMTBA (29X8) YE
09/11/2020
0820426 PHOENIX-0820426 Datasheet
59Kb / 4P
Cable marker - UC-WMTBA (24X5)
09/11/2020
0820594 PHOENIX-0820594 Datasheet
60Kb / 4P
Cable marker - UC-WMTBA (29X8) BU
09/11/2020
1014086 PHOENIX-1014086 Datasheet
55Kb / 3P
Cable marker - UCT-WMTBA (40X17)
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com