Electronic Components Datasheet Search
  English  ▼

X  

K14550D Datasheet (PDF) - Carl Kammerling International Limited

K14550D Datasheet PDF - Carl Kammerling International Limited
Part # K14550D
Download  K14550D Download
File Size   276.82 Kbytes
Page   4 Pages
Manufacturer  CARL [Carl Kammerling International Limited]
Direct Link  https://www.carlkammerling.com/
Logo CARL - Carl Kammerling International Limited
Description Marine Padlocks

K14550D Datasheet (PDF)

Go To PDF Page Download Datasheet
K14550D Datasheet PDF - Carl Kammerling International Limited

Part # K14550D
Download  K14550D Click to download

File Size   276.82 Kbytes
Page   4 Pages
Manufacturer  CARL [Carl Kammerling International Limited]
Direct Link  https://www.carlkammerling.com/
Logo CARL - Carl Kammerling International Limited
Description Marine Padlocks

K14550D Datasheet (HTML) - Carl Kammerling International Limited


K14550D Product details

Range Description
Marine grade chrome plated brass padlocks with 316 Stainless
Steel Shackle. Open, Long shackle and Keyed Alike variants.

Features
The 145 Marine padlock has been designed and
manufactured to the highest standards to offer a secure
padlock with exceptional weather resistance. The mirror
chromed solid brass body, rust free internal components,
316 stainless steel shackle and rubber shackle seal
combine to provide corrosion resistance in the most extreme
environments.
Security is paramount, with a double bolted shackle to resist
torsion/pull attack and a 5 pin anti-pick cylinder designed to
withstand manipulation.
Range includes 40 and 50mm in standard and long shackle,
both keyed to differ and keyed alike.
 Marine grade 316 Stainless Steel Shackle – marine and
food grade stainless steel for 100% weather protection,
tested to ISO 9227
 Mirror chromed brass padlock – superior corrosion
resistance
 Rubber shackle seal to further protect the cylinder from
water ingress
 Rust free internal components of stainless steel and brass
– extra resistance to corrosion
 Double bolted Locking Mechanism – extra strength to
resist torsion and pull attacks
 5 pin cylinder with anti-pick mushroom pin - extra
protection against picking
 Paracentric keyway - extra protection against manipulation
 Weather rating: 3




Similar Part No. - K14550D

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
K145 FOX-K145 Datasheet
309Kb / 3P
4.1 x 1.5mm SMD Tuning Fork
logo
Sanyo Semicon Device
K1450 SANYO-K1450 Datasheet
92Kb / 3P
Very High-Speed Switching Applications
logo
MTRONPTI
K1450A MTRONPTI-K1450A Datasheet
279Kb / 2P
5V Crystal Clock Oscillators
K1450AM MTRONPTI-K1450AM Datasheet
279Kb / 2P
5V Crystal Clock Oscillators
logo
Sanyo Semicon Device
K1459 SANYO-K1459 Datasheet
100Kb / 3P
Ultrahigh-Speed Switching Applications
More results


Similar Description - K14550D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC-M59 ETC-IC-M59 Datasheet
545Kb / 36P
VHF MARINE TRANSCEIVER
logo
Chicago Miniature Lamp,...
CM449X12V CML-CM449X12V Datasheet
221Kb / 1P
Marine Halogen Lamp
logo
Marl International Limi...
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
Ideal for marine applications
logo
PANDUIT CORP.
PSL-6 PANDUIT-PSL-6 Datasheet
73Kb / 1P
Laminated Steel Padlocks
PSL-8 PANDUIT-PSL-8 Datasheet
64Kb / 2P
Non-Conductive Lockout Padlocks
logo
Taoglas antenna solutio...
IMA01105111 TAOGLAS-IMA01105111 Datasheet
1Mb / 12P
External Iridium Marine Antenna
logo
Moxa Inc.
MD-219 MOXA-MD-219 Datasheet
881Kb / 5P
19-inch marine display
logo
GS Yuasa Battery Sales ...
GS-M31-100S GSYUASABATTERY-GS-M31-100S Datasheet
486Kb / 1P
GS Marine Battery
GS-M31-EFB GSYUASABATTERY-GS-M31-EFB Datasheet
294Kb / 1P
GS Marine Battery
logo
Littelfuse
M-489 LITTELFUSE-M-489 Datasheet
441Kb / 1P
MARINE IGNITION SWITCHES
2019 Rev: 021119
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com