Electronic Components Datasheet Search
  English  ▼

X  

TLC1518 Datasheet (PDF) - Texas Instruments

TLC1518 Datasheet PDF - Texas Instruments
Part # TLC1518
Download  TLC1518 Download
File Size   657.74 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN

TLC1518 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC1518 Datasheet PDF - Texas Instruments

Part # TLC1518
Download  TLC1518 Click to download

File Size   657.74 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN

TLC1518 Datasheet (HTML) - Texas Instruments


TLC1518 Product details

Maximum Throughput 400 KSPS
Built-In Reference and 8× FIFO
Differential/Integral Nonlinearity Error:
±0.5 LSB Max
Signal-to-Noise and Distortion Ratio:
59 dB, fi = 12 kHz
Spurious Free Dynamic Range: 72 dB,
fi = 12 kHz
SPI/DSP-Compatible Serial Interfaces With
SCLK up to 20 MHz
Single Supply 5 Vdc
Analog Input Range 0 V to Supply Voltage
With 500 kHz BW
Hardware Controlled and Programmable
Sampling Period
Low Operating Current (4 mA at 5.5 V
External Ref, 6 mA at 5.5 V, Internal Ref)
Power Down: Software/Hardware
Power-Down Mode (1 mA Max, Ext Ref),
Auto Power-Down Mode (5 mA, Ext Ref)
Programmable Auto-Channel Sweep
Pin Compatible, 12-Bit Upgrades Available
TLC2554, TLC2558)

description
The TLC1518 and TLC1514 are a family of high-performance, 10-bit, low power, 1.4 ms, CMOS SAR
analog-to-digital converters (ADC) which operate from a single 5 V power supply. These devices have three
digital inputs and a 3-state output [chip select (CS), serial input-output clock (SCLK), serial data input (SDI), and
serial data output (SDO)] that provide a direct 4-wire interface to the serial port of most popular host
microprocessors (SPI interface). When interfaced with a DSP, a frame sync (FS) signal is used to indicate the
start of a serial data frame.
In addition to a high-speed A/D converter and versatile control capability, these devices have an on-chip analog
multiplexer that can select any analog inputs or one of three internal self-test voltages. The sample-and-hold
function is automatically started after the fourth SCLK edge (normal sampling) or can be controlled by a special
pin, CSTART, to extend the sampling period (extended sampling). The normal sampling period can also be
programmed as short (12 SCLKs) or as long (24 SCLKs) to accommodate faster SCLK operation popular
among high-performance signal processors. The TLC1518 and TLC1514 are designed to operate with very low
power consumption. The power-saving feature is further enhanced with software/hardware/auto power down
modes and programmable conversion speeds. The converter uses the external SCLK as the source of the
conversion clock. There is a 4-V internal reference available and an optional external reference can also be used
to achieve maximum flexibility.




Similar Part No. - TLC1518

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1518 TI-TLC1518 Datasheet
609Kb / 40P
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1518 TI1-TLC1518 Datasheet
594Kb / 40P
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1518 TI1-TLC1518 Datasheet
591Kb / 39P
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1518D TI-TLC1518D Datasheet
609Kb / 40P
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1518IDW TI-TLC1518IDW Datasheet
609Kb / 40P
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Similar Description - TLC1518

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1514 TI-TLC1514 Datasheet
609Kb / 40P
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLC2554 TI-TLC2554 Datasheet
566Kb / 37P
5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV1504 TI-TLV1504 Datasheet
638Kb / 42P
2.7 V TO 5.5 V, 10-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC4541 TI-TLC4541 Datasheet
341Kb / 21P
5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG TO DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4545ID TI1-TLC4545ID Datasheet
805Kb / 26P
5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC1514 TI1-TLC1514_14 Datasheet
594Kb / 40P
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2554 TI1-TLC2554_14 Datasheet
1Mb / 50P
5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514 TI1-TLC1514_15 Datasheet
591Kb / 39P
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com