Electronic Components Datasheet Search
  English  ▼

X  

TL16C552AM Datasheet (PDF) - Texas Instruments

TL16C552AM Datasheet PDF - Texas Instruments
Part # TL16C552AM
Download  TL16C552AM Download
File Size   565.99 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO

TL16C552AM Datasheet (PDF)

Go To PDF Page Download Datasheet
TL16C552AM Datasheet PDF - Texas Instruments

Part # TL16C552AM
Download  TL16C552AM Click to download

File Size   565.99 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO

TL16C552AM Datasheet (HTML) - Texas Instruments


TL16C552AM Product details

IBM PC/ATE Compatible
Two TL16C550 ACEs
Enhanced Bidirectional Printer Port
16-Byte FIFOs Reduce CPU Interrupts
Up to 16-MHz Clock Rate for up to 1-Mbaud
Operation
Transmit, Receive, Line Status, and Data
Set Interrupts on Each Channel
Independently Controlled
Individual Modem Control Signals for Each
Channel
Programmable Serial Interface
Characteristics for Each Channel:
– 5-, 6-, 7-, or 8-Bit Characters
– Even, Odd, or No Parity Bit Generation
and Detection
– 1-, 1-1/2-, or 2-Stop Bit Generation
3-State Outputs Provide TTL Drive for the
Data and Control Bus on Each Channel
Hardware and Software Compatible With
TL16C452

description
The TL16C552A is an enhanced dual-channel version of the popular TL16C550B asynchronous
communications element (ACE). The device serves two serial input/output interfaces simultaneously in
microcomputer or microprocessor-based systems. Each channel performs serial-to-parallel conversion on data
characters received from peripheral devices or modems and parallel-to-serial conversion on data characters
transmitted by the CPU. The complete status of each channel of the dual ACE can be read at any time during
functional operation by the CPU. The information obtained includes the type and condition of the transfer
operations being performed and the error conditions encountered.
In addition to its dual communications interface capabilities, the TL16C552A provides the user with a
bidirectional parallel data port that fully supports the parallel Centronics-type printer interface. The parallel port
and the two serial ports provide IBM PC/AT-compatible computers with a single device to serve the three system
ports. A programmable baud rate generator that can divide the timing reference clock input by a divisor between
1 and (216 – 1) is included.
The TL16C552A is available in a 68-pin plastic-leaded chip-carrier (FN) package and a 80-pin TQFP (PN)
package. The TL16C552AM is available in a 68-pin ceramic quad flat (HV) package.




Similar Part No. - TL16C552AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C552AM TI-TL16C552AM Datasheet
545Kb / 39P
DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
TL16C552AM TI-TL16C552AM Datasheet
473Kb / 38P
DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552AMFN TI-TL16C552AMFN Datasheet
545Kb / 39P
DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
TL16C552AMHV TI-TL16C552AMHV Datasheet
545Kb / 39P
DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
TL16C552AMHV TI-TL16C552AMHV Datasheet
473Kb / 38P
DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Similar Description - TL16C552AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552 TI-TL16C552 Datasheet
455Kb / 33P
DUAL ASYCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
TL16C552A TI-TL16C552A Datasheet
545Kb / 39P
DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com