Electronic Components Datasheet Search
  English  ▼

X  

TL1431 Datasheet (PDF) - Texas Instruments

TL1431 Datasheet PDF - Texas Instruments
Part # TL1431
Download  TL1431 Download
File Size   416.79 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PRECISION PROGRAMMABLE REFERENCE

TL1431 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL1431 Datasheet PDF - Texas Instruments

Part # TL1431
Download  TL1431 Click to download

File Size   416.79 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PRECISION PROGRAMMABLE REFERENCE

TL1431 Datasheet (HTML) - Texas Instruments


TL1431 Product details

Qualified for Automotive Applications
0.4% Initial Voltage Tolerance
0.2-Ω Typical Output Impedance
Fast Turnon . . . 500 ns
Sink Current Capability . . . 1 mA to 100 mA
Low Reference Current (REF)
Adjustable Output Voltage . . . VI(ref) to 36 V

description/ordering information
The TL1431 is a precision programmable reference with specified thermal stability over the automotive
temperature range. The output voltage can be set to any value between VI(ref) (approximately 2.5 V) and 36 V
with two external resistors (see Figure 16). This device has a typical output impedance of 0.2 Ω. Active output
circuitry provides a very sharp turnon characteristic, making the device an excellent replacement for Zener
diodes and other types of references in applications such as onboard regulation, adjustable power supplies,
and switching power supplies.
The TL1431Q is characterized for operation over the full automotive temperature range of −40°C to 125°C.




Similar Part No. - TL1431

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431 Datasheet
79Kb / 8P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-1998
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
PRECISION PROGRAMMABLE REFERENCE
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431 Datasheet
267Kb / 13P
Programmable Voltage Reference
Nov-2005
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
603Kb / 26P
PRECISION PROGRAMMABLE REFERENCE
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431 Datasheet
234Kb / 16P
Programmable voltage reference
11-Mar-2008
More results


Similar Description - TL1431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
PRECISION PROGRAMMABLE REFERENCE
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
Programmable Precision Reference
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com