Electronic Components Datasheet Search
  English  ▼

X  

0801529 Datasheet (PDF) - PHOENIX CONTACT

0801529 Datasheet PDF - PHOENIX CONTACT
Part # 0801529
Download  0801529 Download
File Size   189.99 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCT-WMT (12X4) BU CUS - Conductor marker

0801529 Datasheet (PDF)

Go To PDF Page Download Datasheet
0801529 Datasheet PDF - PHOENIX CONTACT

Part # 0801529
Download  0801529 Click to download

File Size   189.99 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCT-WMT (12X4) BU CUS - Conductor marker

0801529 Datasheet (HTML) - PHOENIX CONTACT


0801529 Product details

Conductor marker, can be ordered: by sheet, blue, labeled according to customer specifications,
cable diameter range: 0.6 ... 10 mm, mounting type: insert, Number of individual labels: 50, text
field height: 4 mm, text field width: 12 mm




Similar Part No. - 0801529

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801520 PHOENIX-0801520 Datasheet
183Kb / 4P
UCT-WMT (10X4) VT CUS - Conductor marker
0801521 PHOENIX-0801521 Datasheet
197Kb / 6P
UCT-WMT (10X4) BU CUS - Conductor marker
0801522 PHOENIX-0801522 Datasheet
191Kb / 6P
UCT-WMT (12X4) CUS - Conductor marker
0801523 PHOENIX-0801523 Datasheet
194Kb / 6P
UCT-WMT (12X4) YE CUS - Conductor marker
0801524 PHOENIX-0801524 Datasheet
196Kb / 6P
UCT-WMT (12X4) RD CUS - Conductor marker
More results


Similar Description - 0801529

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824631 PHOENIX-0824631 Datasheet
54Kb / 3P
Marker for terminal blocks - UC-TMF 4 BU CUS
0824934 PHOENIX-0824934 Datasheet
56Kb / 2P
Zack marker strip - ZB 10/BU CUS
0824966 PHOENIX-0824966 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/BU CUS
0829581 PHOENIX-0829581 Datasheet
55Kb / 3P
Marker for terminal blocks - UCT-TM 3,5 CUS
0829644 PHOENIX-0829644 Datasheet
55Kb / 4P
Marker for terminal blocks - UCT-TMF 3,5 CUS
0801426 PHOENIX-0801426 Datasheet
61Kb / 4P
Conductor marker - UCT-WMT (30X4) GN
09/11/2020
0818849 PHOENIX-0818849 Datasheet
60Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) BU
09/11/2020
1014086 PHOENIX-1014086 Datasheet
55Kb / 3P
Cable marker - UCT-WMTBA (40X17)
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
1014124 PHOENIX-1014124 Datasheet
57Kb / 3P
Snap-in markers - UCT-EMP (40X17) CUS
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com