Electronic Components Datasheet Search
  English  ▼

X  

0801519 Datasheet (PDF) - PHOENIX CONTACT

0801519 Datasheet PDF - PHOENIX CONTACT
Part # 0801519
Download  0801519 Download
File Size   194.59 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCT-WMT (10X4) GN CUS - Conductor marker

0801519 Datasheet (PDF)

Go To PDF Page Download Datasheet
0801519 Datasheet PDF - PHOENIX CONTACT

Part # 0801519
Download  0801519 Click to download

File Size   194.59 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCT-WMT (10X4) GN CUS - Conductor marker

0801519 Datasheet (HTML) - PHOENIX CONTACT


0801519 Product details

Conductor marker, can be ordered: by sheet, green, labeled according to customer
specifications, cable diameter range: 0.6 ... 7 mm, mounting type: insert, Number of individual
labels: 60, text field height: 4 mm, text field width: 10 mm




Similar Part No. - 0801519

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801510 PHOENIX-0801510 Datasheet
195Kb / 6P
UCT-WMT (30X4) OG CUS - Conductor marker
0801511 PHOENIX-0801511 Datasheet
190Kb / 5P
UCT-WMT (30X4) GN CUS - Conductor marker
0801514 PHOENIX-0801514 Datasheet
195Kb / 6P
UCT-WMT (30X4) BU CUS - Conductor marker
0801515 PHOENIX-0801515 Datasheet
188Kb / 6P
UCT-WMT (10X4) CUS - Conductor marker
0801516 PHOENIX-0801516 Datasheet
192Kb / 6P
UCT-WMT (10X4) YE CUS - Conductor marker
More results


Similar Description - 0801519

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824591 PHOENIX-0824591 Datasheet
68Kb / 3P
Marker for terminal blocks - UC-TM 6 GN CUS
0825000 PHOENIX-0825000 Datasheet
56Kb / 2P
Zack marker strip - ZB 8/GN CUS
0829581 PHOENIX-0829581 Datasheet
55Kb / 3P
Marker for terminal blocks - UCT-TM 3,5 CUS
0829644 PHOENIX-0829644 Datasheet
55Kb / 4P
Marker for terminal blocks - UCT-TMF 3,5 CUS
0801426 PHOENIX-0801426 Datasheet
61Kb / 4P
Conductor marker - UCT-WMT (30X4) GN
09/11/2020
0818768 PHOENIX-0818768 Datasheet
58Kb / 3P
Conductor marker - UC-WMC 3,1 (15X4) GN
09/11/2020
0818865 PHOENIX-0818865 Datasheet
60Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) GN
09/11/2020
1014086 PHOENIX-1014086 Datasheet
55Kb / 3P
Cable marker - UCT-WMTBA (40X17)
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
1014124 PHOENIX-1014124 Datasheet
57Kb / 3P
Snap-in markers - UCT-EMP (40X17) CUS
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com