Electronic Components Datasheet Search
  English  ▼

X  

0801508 Datasheet (PDF) - PHOENIX CONTACT

0801508 Datasheet PDF - PHOENIX CONTACT
Part # 0801508
Download  0801508 Download
File Size   189.7 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCT-WMT (30X4) YE CUS - Conductor marker

0801508 Datasheet (PDF)

Go To PDF Page Download Datasheet
0801508 Datasheet PDF - PHOENIX CONTACT

Part # 0801508
Download  0801508 Click to download

File Size   189.7 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCT-WMT (30X4) YE CUS - Conductor marker

0801508 Datasheet (HTML) - PHOENIX CONTACT


0801508 Product details

Conductor marker, can be ordered: by sheet, yellow, labeled according to customer
specifications, cable diameter range: 1.5 ... 14 mm, mounting type: insert, Number of individual
labels: 30, text field height: 4 mm, text field width: 30 mm




Similar Part No. - 0801508

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801504 PHOENIX-0801504 Datasheet
185Kb / 5P
UCT-EM (15X10) - Snap-in markers
0801507 PHOENIX-0801507 Datasheet
189Kb / 6P
UCT-WMT (30X4) CUS - Conductor marker
0801509 PHOENIX-0801509 Datasheet
195Kb / 6P
UCT-WMT (30X4) RD CUS - Conductor marker
More results


Similar Description - 0801508

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824471 PHOENIX-0824471 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB YE CUS
0824595 PHOENIX-0824595 Datasheet
55Kb / 3P
Marker for terminal blocks - UC-TM 6 YE CUS
0824940 PHOENIX-0824940 Datasheet
57Kb / 2P
Zack marker strip - ZB 10/YE CUS
0824976 PHOENIX-0824976 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/YE CUS
0829581 PHOENIX-0829581 Datasheet
55Kb / 3P
Marker for terminal blocks - UCT-TM 3,5 CUS
0829644 PHOENIX-0829644 Datasheet
55Kb / 4P
Marker for terminal blocks - UCT-TMF 3,5 CUS
0801426 PHOENIX-0801426 Datasheet
61Kb / 4P
Conductor marker - UCT-WMT (30X4) GN
09/11/2020
0819631 PHOENIX-0819631 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (30X4)
09/11/2020
1014087 PHOENIX-1014087 Datasheet
56Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com