Electronic Components Datasheet Search
  English  ▼

X  

1400 Datasheet (PDF) - Adafruit Industries

1400 Datasheet PDF - Adafruit Industries
Part # 1400
Download  1400 Download
File Size   97.16 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Push-button Power Switch Breakout

1400 Datasheet (PDF)

Go To PDF Page Download Datasheet
1400 Datasheet PDF - Adafruit Industries

Part # 1400
Download  1400 Click to download

File Size   97.16 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Push-button Power Switch Breakout

1400 Datasheet (HTML) - Adafruit Industries


1400 Product details

Dimensions: 20.51mm / 0.8" x 17.75mm / 0.69" x 2.66mm / 0.1"
Height with Switch: 8.69mm / 0.34"
Weight: 2.6g




Similar Part No. - 1400

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1400 CANDD-1400 Datasheet
91Kb / 2P
Bobbin Type Inductors
logo
List of Unclassifed Man...
1400 ETC1-1400 Datasheet
48Kb / 1P
4700
logo
Linear Technology
1400 LINER-1400 Datasheet
2Mb / 20P
Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
logo
Gamewell-FCI by Honeywe...
1400 GAMEWELL-FCI-1400 Datasheet
146Kb / 2P
Ionization detector
logo
Switchcraft, Inc.
1400 SWITCH-1400 Datasheet
48Kb / 1P
LONG FRAME (1/4) TELEPHONE JACK PANELS
More results


Similar Description - 1400

ManufacturerPart #DatasheetDescription
logo
CW Industries
GPB024A05BR CWIND-GPB024A05BR Datasheet
613Kb / 1P
PUSH BUTTON SWITCH
GPB040A05BB CWIND-GPB040A05BB Datasheet
483Kb / 1P
PUSH BUTTON SWITCH
GPB081A09B CWIND-GPB081A09B Datasheet
647Kb / 1P
PUSH BUTTON SWITCH
GPB502A05BR CWIND-GPB502A05BR Datasheet
504Kb / 1P
PUSH BUTTON SWITCH
GPB508AL05BR CWIND-GPB508AL05BR Datasheet
785Kb / 1P
PUSH BUTTON SWITCH
GPB527A202BB CWIND-GPB527A202BB Datasheet
456Kb / 1P
PUSH BUTTON SWITCH
GPB527B2L02BR1 CWIND-GPB527B2L02BR1 Datasheet
463Kb / 1P
PUSH BUTTON SWITCH
GPB527B202BB CWIND-GPB527B202BB Datasheet
446Kb / 1P
PUSH BUTTON SWITCH
GPBS800LR1 CWIND-GPBS800LR1 Datasheet
52Kb / 1P
PUSH BUTTON SWITCH
logo
List of Unclassifed Man...
GPBS-850N ETC2-GPBS-850N Datasheet
51Kb / 1P
PUSH BUTTON SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com