Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS171DW Datasheet (PDF) - Texas Instruments

SN75ALS171DW Datasheet PDF - Texas Instruments
Part # SN75ALS171DW
Download  SN75ALS171DW Download
File Size   733.19 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE DIFFERENTIAL BUS TRANSCEIVERS

SN75ALS171DW Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75ALS171DW Datasheet PDF - Texas Instruments

Part # SN75ALS171DW
Download  SN75ALS171DW Click to download

File Size   733.19 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE DIFFERENTIAL BUS TRANSCEIVERS

SN75ALS171DW Datasheet (HTML) - Texas Instruments


SN75ALS171DW Product details

Three Bidirectional Transceivers
Driver Meets or Exceeds the Requirements
of ANSI EIA/TIA-422-B and RS-485 and ITU
Recommendation V.11
Two Skew Limits Available
Designed to Operate Up to 20 Million Data
Transfers per Second (FAST-20 SCSI)
High-Speed Advanced Low-Power Schottky
Circuitry
Low Pulse Skew . . . 5 ns Max
Designed for Multipoint Transmission on
Long Bus Lines in Noisy Environments
Features Independent Driver Enables and
Combined Receiver Enables
Wide Positive and Negative Input/Output
Bus Voltages Ranges
Driver Output Capacity . . . ±60 mA
Thermal Shutdown Protection
Driver Positive- and Negative-Current
Limiting
Receiver Input Impedances . . . 12 kW Min
Receiver Input Sensitivity . . . ±300 mV Max
Receiver Input Hysteresis . . . 60 mV Typ
Operates From a Single 5-V Supply
Glitch-Free Power-Up and Power-Down
Protection

description
The SN75ALS171 and the SN75ALS171A triple differential bus transceivers are monolithic integrated circuits
designed for bidirectional data communication on multipoint bus transmission lines. They are designed for
balanced transmission lines, and each driver meets ANSI Standards EIA/TIA-422-B and RS-485 and both the
drivers and receivers meet ITU Recommendation V.11. The SN75ALS171A is designed for FAST-20 SCSI and
can transmit or receive data pulses as short as 30 ns with a maximum skew of 5 ns.
The SN75ALS171 and the SN75ALS171A operate from a single 5-V power supply. The drivers and receivers
have individual active-high and active-low enables, respectively, which can be externally connected together
to function as a direction control. The driver differential output and the receiver differential input pairs are
connected internally to form differential input/output (I/O) bus ports that are designed to offer minimum loading
to the bus when the driver is disabled or VCC is at 0 V. These ports feature wide positive and negative
common-mode voltage ranges making the device suitable for party-line applications.
The SN75ALS171 and the SN75ALS171A are characterized for operation from 0°C to 70°C.




Similar Part No. - SN75ALS171DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS171DW TI-SN75ALS171DW Datasheet
296Kb / 19P
TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171DW TI-SN75ALS171DW Datasheet
500Kb / 24P
TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171DWE4 TI-SN75ALS171DWE4 Datasheet
500Kb / 24P
TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171DWR TI-SN75ALS171DWR Datasheet
500Kb / 24P
TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171DWRE4 TI-SN75ALS171DWRE4 Datasheet
500Kb / 24P
TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
More results


Similar Description - SN75ALS171DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171 TI-SN75ALS171 Datasheet
296Kb / 19P
TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
Differential Bus Transceivers
logo
Texas Instruments
SN65LBC170 TI-SN65LBC170 Datasheet
291Kb / 10P
TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171 TI-SN65LBC171 Datasheet
289Kb / 18P
TRIPLE DIFFERENTIAL TRANSCEIVERS
SN75ALS171 TI-SN75ALS171_07 Datasheet
500Kb / 24P
TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_07 Datasheet
407Kb / 21P
TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
TRIPLE DIFFERENTIAL TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC171 TI1-SN65LBC171_09 Datasheet
471Kb / 20P
TRIPLE DIFFERENTIAL TRANSCEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com