Electronic Components Datasheet Search
  English  ▼

X  

TC36X Datasheet (PDF) - Infineon Technologies AG

TC36X Datasheet PDF - Infineon Technologies AG
Part # TC36X
Download  TC36X Download
File Size   16287.95 Kbytes
Page   479 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 32-Bit Single-Chip Microcontroller AA-Step

TC36X Datasheet (PDF)

Go To PDF Page Download Datasheet
TC36X Datasheet PDF - Infineon Technologies AG

Part # TC36X
Download  TC36X Click to download

File Size   16287.95 Kbytes
Page   479 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 32-Bit Single-Chip Microcontroller AA-Step

TC36X Datasheet (HTML) - Infineon Technologies AG


TC36X Product details

Summary of Features
The TC36x product family has the following features:
• High Performance Microcontroller with two CPU cores
• Two 32-bit super-scalar TriCore CPUs (TC1.6.2P), each having the following features:
– Superior real-time performance
– Strong bit handling
– Fully integrated DSP capabilities
– Multiply-accumulate unit able to sustain 2 MAC operations per cycle
– Fully pipelined Floating point unit (FPU)
– up to 300 MHz operation at full temperature range
– up to 192 Kbyte Data Scratch-Pad RAM (DSPR)
– up to 32 Kbyte Instruction Scratch-Pad RAM (PSPR)
– up to 64 Kbyte Data RAM (DLMU)
– 32 Kbyte Instruction Cache (ICACHE)
– 16 Kbyte Data Cache (DCACHE)
• Lockstepped shadow cores for all TC1.6.2P
• Multiple on-chip memories
– All embedded NVM and SRAM are ECC protected
– up to 4 Mbyte Program Flash Memory (PFLASH)
– up to 128 kbyte Data Flash Memory (DFLASH) usable for EEPROM emulation
– BootROM (BROM)
• 64-Channel DMA Controller with safe data transfer
• Sophisticated interrupt system (ECC protected)
• High performance on-chip bus structure
– 64-bit Cross Bar Interconnect (SRI) giving fast parallel access between bus masters, CPUs and memories
– 32-bit System Peripheral Bus (SPB) for on-chip peripheral and functional units
– SRI to SPB bus bridges (SFI Bridge)
• Optional Hardware Security Module (HSM) on some variants
• Safety Management Unit (SMU) handling safety monitor alarms
• Memory Test Unit with ECC, Memory Initialization and MBIST functions (MTU)
• Hardware I/O Monitor (IOM) for checking of digital I/O
• Versatile On-chip Peripheral Units
– 12 Asynchronous/Synchronous Serial Channels (ASCLIN) with hardware LIN support (V1.3, V2.0, V2.1 and J2602) up to 50 MBaud
– 4 Queued SPI Interface Channels (QSPI) with master and slave capability up to 50 Mbit/s
– 1 High Speed Serial Link (HSSL) for serial inter-processor communication up to 320 Mbit/s
– 1 serial Micro Second Bus interfaces (MSC) for serial port expansion to external power devices
– 2 MCMCAN Modules with 4 CAN nodes for high efficiency data handling via FIFO buffering
– 10 Single Edge Nibble Transmission (SENT) channels for connection to sensors
– 1 FlexRayTM module with 2 channels (E-Ray) supporting V2.1
– One Generic Timer Module (GTM) providing a powerful set of digital signal filtering and timer functionality to realize autonomous and complex Input/Output management
– One Capture / Compare 6 module (Two kernels CCU60 and CCU61)
– One General Purpose 12 Timer Unit (GPT120)
– 2 channel Peripheral Sensor Interface conforming to V1.3 (PSI5)
– 1 Peripheral Sensor Interface with Serial PHY (PSI5-S)
– 1 Inter-Integrated Circuit Bus Interface (I2C) conforming to V2.1
– 1 IEEE802.3 Ethernet MAC with RGMII, RMII and MII interfaces (ETH)
• Versatile Successive Approximation ADC (VADC)
– Cluster of 8 independent ADC kernels
– Input voltage range from 0 V to 5.5V (ADC supply)
• Delta-Sigma ADC (DSADC)
– 4 channels
• Digital programmable I/O ports
• On-chip debug support for OCDS Level 1 (CPUs, DMA, On Chip Buses)
• multi-core debugging, real time tracing, and calibration
• four/five wire JTAG (IEEE 1149.1) or DAP (Device Access Port) interface
• Power Management System and on-chip regulators
• Clock Generation Unit with System PLL and Peripheral PLL
• Embedded Voltage Regulator




Similar Part No. - TC36X

ManufacturerPart #DatasheetDescription
logo
France Joint
TC36X44X5 FRANCEJOINT-TC36X44X5 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
TC36X45X7 FRANCEJOINT-TC36X45X7 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
TC36X46X6 FRANCEJOINT-TC36X46X6 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
TC36X46X7 FRANCEJOINT-TC36X46X7 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
TC36X46X9 FRANCEJOINT-TC36X46X9 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
More results


Similar Description - TC36X

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
32-bit Single Chip Microcontroller
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
32-bit Single-Chip Microcontroller
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com