Electronic Components Datasheet Search
  English  ▼

X  

0830022 Datasheet (PDF) - PHOENIX CONTACT

0830022 Datasheet PDF - PHOENIX CONTACT
Part # 0830022
Download  0830022 Download
File Size   182.15 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description US-WMTB (44X15) VT CUS - Cable marker

0830022 Datasheet (PDF)

Go To PDF Page Download Datasheet
0830022 Datasheet PDF - PHOENIX CONTACT

Part # 0830022
Download  0830022 Click to download

File Size   182.15 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description US-WMTB (44X15) VT CUS - Cable marker

0830022 Datasheet (HTML) - PHOENIX CONTACT


0830022 Product details

Cable marker, Card, can be ordered: by card, violet, labeled according to customer
specifications, mounting type: Assembly with cable ties, cable diameter: > 4 mm, Number of
individual labels: 12, text field height: 15 mm, text field width: 44 mm




Similar Part No. - 0830022

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830020 PHOENIX-0830020 Datasheet
166Kb / 1P
US-WMTB (44X15) OG CUS - Cable marker
0830021 PHOENIX-0830021 Datasheet
184Kb / 5P
US-WMTB (44X15) YE CUS - Cable marker
0830023 PHOENIX-0830023 Datasheet
184Kb / 5P
US-WMTB (44X15) BU CUS - Cable marker
0830025 PHOENIX-0830025 Datasheet
180Kb / 5P
US-EMP (17X15) CUS - Snap-in markers
0830026 PHOENIX-0830026 Datasheet
182Kb / 5P
US-EMP (17X15) YE CUS - Snap-in markers
More results


Similar Description - 0830022

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824586 PHOENIX-0824586 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 5 VT CUS
0824974 PHOENIX-0824974 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/VT CUS
0824443 PHOENIX-0824443 Datasheet
54Kb / 2P
Cable marker - PABA WH/10 CUS
09/11/2020
0824444 PHOENIX-0824444 Datasheet
54Kb / 2P
Cable marker - PABA WH/15 CUS
09/11/2020
0824659 PHOENIX-0824659 Datasheet
71Kb / 4P
Marker for terminal blocks - UC-TMF 8 VT CUS
09/12/2020
0828376 PHOENIX-0828376 Datasheet
60Kb / 4P
Cable marker - UC-WMTB (44X15)
09/11/2020
0828381 PHOENIX-0828381 Datasheet
61Kb / 4P
Cable marker - UC-WMTB (44X15) BU
09/11/2020
0830524 PHOENIX-0830524 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (40X15)
09/11/2020
0830525 PHOENIX-0830525 Datasheet
56Kb / 3P
Cable marker - WMTB-AL (60X15)
09/11/2020
0830805 PHOENIX-0830805 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (29X8)
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com