Electronic Components Datasheet Search
  English  ▼

X  

SN74CBTD3384CPWR.B Datasheet (PDF) - Texas Instruments

SN74CBTD3384CPWR.B Datasheet PDF - Texas Instruments
Part # SN74CBTD3384CPWR.B
Download  SN74CBTD3384CPWR.B Download
File Size   706.95 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH —2-V UNDERSHOOT PROTECTION

SN74CBTD3384CPWR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74CBTD3384CPWR.B Datasheet PDF - Texas Instruments

Part # SN74CBTD3384CPWR.B
Download  SN74CBTD3384CPWR.B Click to download

File Size   706.95 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH —2-V UNDERSHOOT PROTECTION

SN74CBTD3384CPWR.B Datasheet (HTML) - Texas Instruments


SN74CBTD3384CPWR.B Product details

Undershoot Protection for Off-Isolation on
A and B Ports Up To −2 V
Integrated Diode to VCC Provides 5-V Input
Down To 3.3-V Output Level Shift
Bidirectional Data Flow, With Near-Zero
Propagation Delay
Low ON-State Resistance (ron)
Characteristics (ron = 3 Ω Typical)
Low Input/Output Capacitance Minimizes
Loading and Signal Distortion
(Cio(OFF) = 5 pF Typical)
Data and Control Inputs Provide
Undershoot Clamp Diodes
VCC Operating Range From 4.5 V to 5.5 V
Data I/Os Support 0 to 5-V Signaling Levels
(0.8-V, 1.2-V, 1.5-V, 1.8-V, 2.5-V, 3.3-V, 5-V)
Control Inputs Can be Driven by TTL or
5-V/3.3-V CMOS Outputs
Ioff Supports Partial-Power-Down Mode
Operation
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
Supports Both Digital and Analog
Applications: Memory Interleaving, Bus
Isolation, Low-Distortion Signal Gating

description/ordering information
The SN74CBTD3384C is a high-speed TTL-compatible FET bus switch with low ON-state resistance (ron),
allowing for minimal propagation delay. This device features an integrated diode in series with VCC to provide
level shifting for 5-V input down to 3.3-V output levels. Active Undershoot-Protection Circuitry on the A and B
ports of the SN74CBTD3384C provides protection for undershoot up to −2 V by sensing an undershoot event
and ensuring that the switch remains in the proper OFF state.
The SN74CBTD3384C is organized as two 5-bit bus switches with separate output-enable (1OE, 2OE) inputs.
It can be used as two 5-bit bus switches or as one 10-bit bus switch. When OE is low, the associated 5-bit bus
switch is ON, and the A port is connected to the B port, allowing bidirectional data flow between ports. When
OE is high, the associated 5-bit bus switch is OFF, and a high-impedance state exists between the A and B ports.
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that
damaging current will not backflow through the device when it is powered down. The device has isolation during
power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.




Similar Part No. - SN74CBTD3384CPWR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTD3384CPWR TI-SN74CBTD3384CPWR Datasheet
360Kb / 16P
10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBTD3384CPWR TI-SN74CBTD3384CPWR Datasheet
534Kb / 18P
10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBTD3384CPWRE4 TI-SN74CBTD3384CPWRE4 Datasheet
360Kb / 16P
10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBTD3384CPWRE4 TI-SN74CBTD3384CPWRE4 Datasheet
534Kb / 18P
10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBTD3384CPWRG4 TI-SN74CBTD3384CPWRG4 Datasheet
534Kb / 18P
10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
More results


Similar Description - SN74CBTD3384CPWR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3244C TI-SN74CBT3244C Datasheet
423Kb / 16P
B-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBTD3305C TI-SN74CBTD3305C Datasheet
238Kb / 12P
DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH - 2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBTD3384C TI-SN74CBTD3384C Datasheet
360Kb / 16P
10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBTD3306C TI-SN74CBTD3306C Datasheet
249Kb / 12P
DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16211C TI-SN74CBT16211C Datasheet
246Kb / 14P
24-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBTD3384C TI-SN74CBTD3384C_08 Datasheet
534Kb / 18P
10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBTD3305C TI1-SN74CBTD3305C_15 Datasheet
1Mb / 18P
DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CBTD3306C TI1-SN74CBTD3306C_16 Datasheet
1Mb / 18P
DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com