Electronic Components Datasheet Search
  English  ▼

X  

0827007 Datasheet (PDF) - PHOENIX CONTACT

0827007 Datasheet PDF - PHOENIX CONTACT
Part # 0827007
Download  0827007 Download
File Size   188.4 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC-WMC 5,6 (23X8) GN CUS - Conductor marker

0827007 Datasheet (PDF)

Go To PDF Page Download Datasheet
0827007 Datasheet PDF - PHOENIX CONTACT

Part # 0827007
Download  0827007 Click to download

File Size   188.4 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC-WMC 5,6 (23X8) GN CUS - Conductor marker

0827007 Datasheet (HTML) - PHOENIX CONTACT


0827007 Product details

Conductor marker, can be ordered: by sheet, green, labeled according to customer
specifications, cable diameter range: 4.2 ... 5.6 mm, mounting type: clip on, Number of individual
labels: 6, text field height: 8 mm, text field width: 23 mm




Similar Part No. - 0827007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0827005 PHOENIX-0827005 Datasheet
187Kb / 6P
UC-WMC 5,6 (23X8) CUS - Conductor marker
0827006 PHOENIX-0827006 Datasheet
189Kb / 5P
UC-WMC 5,6 (23X8) BU CUS - Conductor marker
0827008 PHOENIX-0827008 Datasheet
188Kb / 5P
UC-WMC 5,6 (23X8) OG CUS - Conductor marker
0827009 PHOENIX-0827009 Datasheet
189Kb / 5P
UC-WMC 5,6 (23X8) RD CUS - Conductor marker
More results


Similar Description - 0827007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0818182 PHOENIX-0818182 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5)
09/11/2020
0818218 PHOENIX-0818218 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (23X4)
09/11/2020
0818768 PHOENIX-0818768 Datasheet
58Kb / 3P
Conductor marker - UC-WMC 3,1 (15X4) GN
09/11/2020
0818849 PHOENIX-0818849 Datasheet
60Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) BU
09/11/2020
0818852 PHOENIX-0818852 Datasheet
61Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) RD
09/11/2020
0818865 PHOENIX-0818865 Datasheet
60Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) GN
09/11/2020
0819631 PHOENIX-0819631 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (30X4)
09/11/2020
0825373 PHOENIX-0825373 Datasheet
73Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) VT
09/11/2020
0825374 PHOENIX-0825374 Datasheet
73Kb / 4P
Conductor marker - UC-WMC 4,4 (23X5,5) VT
09/11/2020
0818195 PHOENIX-0818195 Datasheet
50Kb / 2P
Conductor marker - UC-WMC 4,4 (23X 5,5)
30.05.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com