Electronic Components Datasheet Search
  English  ▼

X  

01908 Datasheet (PDF) - Brady Worldwide, Inc.

01908 Datasheet PDF - Brady Worldwide, Inc.
Part # 01908
Download  01908 Download
File Size   332.19 Kbytes
Page   4 Pages
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.
Description Miniature Circuit Breaker Lockout - Pin Out Standard

01908 Datasheet (PDF)

Go To PDF Page Download Datasheet
01908 Datasheet PDF - Brady Worldwide, Inc.

Part # 01908
Download  01908 Click to download

File Size   332.19 Kbytes
Page   4 Pages
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.
Description Miniature Circuit Breaker Lockout - Pin Out Standard

01908 Datasheet (HTML) - Brady Worldwide, Inc.


01908 Product details

Description:
Design
● Safe and effective method for locking out miniature circuit breakers
● Require no tools to install! Easily installs with the aid of a push button
● Recommended to lock with lightweight Brady Compact Safety Padlocks, and can accept up to 9/32" shackle diameter
● Made of a durable glass- filled nylon, available as each or in packs of 6"

Material
● Made of Glass -filled nylon
● Springs made of Stainless Steel
● Color: Outer Housing – Red (PMS 1805C)
● Color: Inner Housing - Black
● UL rating – UL94 – HB Rating

Temperature Range
Plastic Housings: - 20° to 120°C (0° to 250°F)

Chemical Resistance
All approved chemicals listed are based on the manufactures specified chemical resistance chart for plastic material only. All other materials in the device are made of Stainless steel.




Similar Part No. - 01908

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190820010 MOLEX4-0190820010 Datasheet
172Kb / 2P
Compression Style Ring Tongue Terminal for 6 AWG Wire, Stud Size 5/16",Un-Plated, Mylar Tape Carrier
0190820014 MOLEX4-0190820014 Datasheet
174Kb / 3P
Compression Style Ring Tongue Terminal for 8 AWG Wire
logo
Tyco Electronics
019083-000 MACOM-019083-000 Datasheet
1Mb / 42P
RAYCHEM Tubing Products
logo
Molex Electronics Ltd.
0190840001 MOLEX4-0190840001 Datasheet
90Kb / 2P
Open Barrel Star Ring , Brass, for 14-18 AWG Wire, Stud Size 6
0190840002 MOLEX4-0190840002 Datasheet
90Kb / 2P
Open Barrel Star Ring, Brass, 14-18 AWG, Stud Size 8
More results


Similar Description - 01908

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PSL-CB PANDUIT-PSL-CB Datasheet
54Kb / 1P
PSL-CB CIRCUIT BREAKER LOCKOUT
PSL-CBNT PANDUIT-PSL-CBNT Datasheet
88Kb / 1P
No Tool Circuit Breaker Lockout Devices
logo
Delta Electronics, Inc.
H48SA53010 DELTA-H48SA53010 Datasheet
1Mb / 13P
Industry standard pin out
H48SC3R325 DELTA-H48SC3R325 Datasheet
400Kb / 12P
Industry standard pin out
DIM DELTA-DIM Datasheet
602Kb / 13P
Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
Industry standard pin out
E48SC DELTA-E48SC Datasheet
486Kb / 15P
Industry standard pin out
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
Industry standard pin out
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com