Electronic Components Datasheet Search
  English  ▼

X  

RAA211320 Datasheet (PDF) - Renesas Technology Corp

RAA211320 Datasheet PDF - Renesas Technology Corp
Part # RAA211320
Download  RAA211320 Download
File Size   5364.21 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 30V 2A Integrated Switching Regulator

RAA211320 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA211320 Datasheet PDF - Renesas Technology Corp

Part # RAA211320
Download  RAA211320 Click to download

File Size   5364.21 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 30V 2A Integrated Switching Regulator

RAA211320 Datasheet (HTML) - Renesas Technology Corp


RAA211320 Product details

▪ 4.5V to 30V input supply range
▪ Up to 2A output current
▪ Integrated high-side (125mΩ) and low-side (75mΩ)
MOSFETs
▪ 400μA quiescent current
▪ Minimum on-time of 70ns
▪ Minimum off-time of 225ns
▪ 0.765V reference voltage with 2% accuracy
▪ PFM mode under light load condition
▪ Current mode Constant On-Time (COT) control
with internal compensation
▪ Internal 0.8ms soft start time
▪ Protection: Low-Side Overcurrent (LSOC) limit,
input Undervoltage Lockout (UVLO),
Over-Temperature Protection (OTP), Output
Undervoltage Protection (OUVP) with Hiccup Mode
▪ Accurate EN threshold
▪ 6 LD TSOT23 package




Similar Part No. - RAA211320

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA211230 RENESAS-RAA211230 Datasheet
3Mb / 24P
24V 3A Integrated Switching Regulator
Oct 17, 2023
RAA2112304GP3#JA0 RENESAS-RAA2112304GP3#JA0 Datasheet
3Mb / 24P
24V 3A Integrated Switching Regulator
Oct 17, 2023
RAA211233 RENESAS-RAA211233 Datasheet
2Mb / 23P
24V, 3A 1.4MHz Integrated Switching Regulator
Nov 14, 2023
RAA2112334GP3#JA0 RENESAS-RAA2112334GP3#JA0 Datasheet
2Mb / 23P
24V, 3A 1.4MHz Integrated Switching Regulator
Nov 14, 2023
RAA211250 RENESAS-RAA211250 Datasheet
3Mb / 24P
4.5V to 30V, 5A, DC/DC Synchronous Step-Down Regulator w/ Internal Compensation and Adjustable Frequency
Oct 12, 2022
More results


Similar Description - RAA211320

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978 Datasheet
135Kb / 12P
2A STEP DOWN SWITCHING REGULATOR
May-2000
logo
Rohm
2SK2103 ROHM-2SK2103 Datasheet
127Kb / 4P
Small switching (30V, 2A)
logo
Semtech Corporation
SC2440 SEMTECH-SC2440 Datasheet
664Kb / 26P
2.5 MHz Dual Switching Regulator with Integrated 2A Switches
SC4524 SEMTECH-SC4524 Datasheet
1Mb / 21P
Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
2A step-down switching regulator
16-Oct-2007
L4972A STMICROELECTRONICS-L4972A_05 Datasheet
1Mb / 22P
2A SWITCHING REGULATOR
May-2005
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
2A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Semtech Corporation
SC2440A SEMTECH-SC2440A Datasheet
4Mb / 28P
Dual 30V Step-Down Switching Regulator with 2A Switches
logo
Shenzhen Huazhimei Semi...
HM1482D HMSEMI-HM1482D Datasheet
1Mb / 7P
30V 2A Synchronous Step-Down Regulator
HM8114 HMSEMI-HM8114 Datasheet
1Mb / 7P
30V 2A 500KHz Synchronous Step-Down Regulator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com