Electronic Components Datasheet Search
  English  ▼

X  

0801534 Datasheet (PDF) - PHOENIX CONTACT

0801534 Datasheet PDF - PHOENIX CONTACT
Part # 0801534
Download  0801534 Download
File Size   196.22 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCT-WMT (15X4) OG CUS - Wire marking

0801534 Datasheet (PDF)

Go To PDF Page Download Datasheet
0801534 Datasheet PDF - PHOENIX CONTACT

Part # 0801534
Download  0801534 Click to download

File Size   196.22 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCT-WMT (15X4) OG CUS - Wire marking

0801534 Datasheet (HTML) - PHOENIX CONTACT


0801534 Product details

Wire marking, can be ordered: by sheet, orange, labeled according to customer specifications,
cable diameter range: 0.6 ... 50 mm, mounting type: insert, Number of individual labels: 50, text
field height: 4 mm, text field width: 15 mm




Similar Part No. - 0801534

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801530 PHOENIX-0801530 Datasheet
188Kb / 6P
UCT-WMT (15X4) CUS - Conductor marker
0801531 PHOENIX-0801531 Datasheet
192Kb / 6P
UCT-WMT (15X4) YE CUS - Wire marking
0801533 PHOENIX-0801533 Datasheet
196Kb / 6P
UCT-WMT (15X4) RD CUS - Wire marking
0801535 PHOENIX-0801535 Datasheet
193Kb / 6P
UCT-WMT (15X4) GN CUS - Conductor marker
0801536 PHOENIX-0801536 Datasheet
182Kb / 4P
UCT-WMT (15X4) VT CUS - Conductor marker
More results


Similar Description - 0801534

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824584 PHOENIX-0824584 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 5 OG CUS
0824592 PHOENIX-0824592 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 6 OG CUS
0824936 PHOENIX-0824936 Datasheet
56Kb / 2P
Zack marker strip - ZB 10/OG CUS
0825002 PHOENIX-0825002 Datasheet
56Kb / 2P
Zack marker strip - ZB 8/OG CUS
0829581 PHOENIX-0829581 Datasheet
55Kb / 3P
Marker for terminal blocks - UCT-TM 3,5 CUS
0829644 PHOENIX-0829644 Datasheet
55Kb / 4P
Marker for terminal blocks - UCT-TMF 3,5 CUS
0801426 PHOENIX-0801426 Datasheet
61Kb / 4P
Conductor marker - UCT-WMT (30X4) GN
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
1014124 PHOENIX-1014124 Datasheet
57Kb / 3P
Snap-in markers - UCT-EMP (40X17) CUS
09/11/2020
0832100 PHOENIX-0832100 Datasheet
59Kb / 4P
Conductor marking - UCT-WMCO 1,9 (23X4)
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com