Electronic Components Datasheet Search
  English  ▼

X  

SN74ALS533AN Datasheet (PDF) - Texas Instruments

SN74ALS533AN Datasheet PDF - Texas Instruments
Part # SN74ALS533AN
Download  SN74ALS533AN Download
File Size   689.04 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS

SN74ALS533AN Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ALS533AN Datasheet PDF - Texas Instruments

Part # SN74ALS533AN
Download  SN74ALS533AN Click to download

File Size   689.04 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS

SN74ALS533AN Datasheet (HTML) - Texas Instruments


SN74ALS533AN Product details

Eight Latches in a Single Package
3-State Bus-Driving Inverting Outputs
Full Parallel Access for Loading
Buffered Control Inputs
pnp Inputs Reduce dc Loading on
Data Lines
Package Options Include Plastic
Small-Outline (DW) Packages and Standard
Plastic (N) 300-mil DIPs

description
These 8-bit D-type transparent latches feature
3-state outputs designed specifically for driving
highly capacitive or relatively low-impedance
loads. They are particularly suitable for
implementing buffer registers, I/O ports,
bidirectional bus drivers, and working registers.
While latch-enable (LE) input is high, the Q outputs follow the complements of the data (D) inputs. When LE is
taken low, the Q outputs are latched at the inverses of the levels set up at the D inputs. The SN74ALS533A and
SN74AS533A are functionally equivalent to the SN74ALS373A and SN74AS373, except for having inverted
outputs.
A buffered output-enable (OE) input places the eight outputs in either a normal logic state (high or low logic
levels) or a high-impedance state. In the high-impedance state, the outputs neither load nor drive the bus lines
significantly. The high-impedance state and increased drive provide the capability to drive bus lines without
interface or pullup components.
OE does not affect the internal operations of the latches. Old data can be retained or new data can be entered
while the outputs are off.
The SN74ALS533A and SN74AS533A are characterized for operation from 0°C to 70°C.




Similar Part No. - SN74ALS533AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS533AN TI-SN74ALS533AN Datasheet
340Kb / 12P
OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN74ALS533AN TI1-SN74ALS533AN Datasheet
1Mb / 16P
OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN74ALS533ANE4 TI-SN74ALS533ANE4 Datasheet
340Kb / 12P
OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN74ALS533ANSR TI-SN74ALS533ANSR Datasheet
340Kb / 12P
OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN74ALS533ANSR TI1-SN74ALS533ANSR Datasheet
1Mb / 16P
OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
More results


Similar Description - SN74ALS533AN

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
Octal D-type Transparent Latches with 3-state Outputs
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573_07 Datasheet
635Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV573A RENESAS-HD74LV573A Datasheet
94Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC533 RENESAS-HD74LVC533 Datasheet
207Kb / 8P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573A RENESAS-HD74LVC573A Datasheet
195Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN74HC373AN TI-SN74HC373AN Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74HC373DWRG4 TI-SN74HC373DWRG4 Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC373 UTC-U74AHC373 Datasheet
270Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com