Electronic Components Datasheet Search
  English  ▼

X  

KP464 Datasheet (PDF) - Infineon Technologies AG

KP464 Datasheet PDF - Infineon Technologies AG
Part # KP464
Download  KP464 Download
File Size   2927.25 Kbytes
Page   36 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description XENSIV™ digital absolute pressure sensor

KP464 Datasheet (PDF)

Go To PDF Page Download Datasheet
KP464 Datasheet PDF - Infineon Technologies AG

Part # KP464
Download  KP464 Click to download

File Size   2927.25 Kbytes
Page   36 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description XENSIV™ digital absolute pressure sensor

KP464 Datasheet (HTML) - Infineon Technologies AG


KP464 Product details

Features
• High accuracy pressure sensing (±1.0 kPa), pressure range 40 to 115 kPa
• Operating ambient temperature range -40°C to 125°C
• Best in class low power consumption with dedicated power-down mode for energy saving
• 10-, 12- or 14-bit resolution pressure and temperature values via SPI Interface
• Integrated signal path diagnosis features
• Green, small 4.5 mm x 5.1 mm 8-pin DFN package

Potential applications
• Automotive barometric air pressure sensor (BAP)
• Automotive manifold air flow sensor (MAF)
• Automotive battery monitoring system (BMS)
• Automotive seat comfort system
• Industrial control
• Weather stations
• Altimeters

Description
The KP464 is a high-performance, high-precision miniaturized digital absolute pressure sensor based on a capacitive sensing principle. It is surface micromachined with a monolithic integrated signal conditioning circuit.
The device converts a physical pressure into a 10-, 12- or 14-bit digital value and transmits the information via the SPI interface. In addition, a temperature sensor is integrated on chip. Based on the received SPI command, the 10-, 12- or 14-bit temperature information will also be transmitted via the SPI interface.
The device has implemented a particular Power-Down Mode which allows the user to even reduce the power consumption of the device. A special reliability feature are the integrated diagnostics, which allows testing the sensor cells as well as the signal path.
This diagnosis can be triggered with a SPI command.




Similar Part No. - KP464

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KP464 ETC1-KP464 Datasheet
1,015Kb / 29P
Polypropylene film foil capacitors
logo
Vishay Siliconix
KP464 VISHAY-KP464 Datasheet
1Mb / 29P
Polypropylene film foil capacitors
More results


Similar Description - KP464

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCP1000 VTI-SCP1000 Datasheet
287Kb / 7P
ABSOLUTE PRESSURE SENSOR
logo
Infineon Technologies A...
KP123 INFINEON-KP123 Datasheet
722Kb / 24P
Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP124 INFINEON-KP124 Datasheet
727Kb / 24P
Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP125 INFINEON-KP125 Datasheet
729Kb / 24P
Absolute Pressure Sensor
Rev 2.14, 2007-11-23
KP125N4115 INFINEON-KP125N4115 Datasheet
715Kb / 24P
Absolute Pressure Sensor
Rev 1.01, 2007-11-23
KP126N6165 INFINEON-KP126N6165 Datasheet
778Kb / 24P
Absolute Pressure Sensor
November 2007 Rev 1.02
KP253 INFINEON-KP253 Datasheet
1Mb / 29P
Digital Absolute Pressure Sensor
Revision 1.1, 2015-07-29
logo
Melexis Microelectronic...
MLX90818 MELEXIS-MLX90818 Datasheet
1Mb / 37P
Absolute Pressure Sensor
logo
Silicon Microstructures...
SM5420E SMI-SM5420E Datasheet
539Kb / 5P
Absolute Pressure Sensor
logo
Omron Electronics LLC
2SMPB-01-01 OMRON-2SMPB-01-01 Datasheet
2Mb / 18P
Absolute Pressure Sensor
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com