Electronic Components Datasheet Search
  English  ▼

X  

SMAJ350CA Datasheet (PDF) - Micro Commercial Components

SMAJ350CA Datasheet PDF - Micro Commercial Components
Part # SMAJ350CA
Download  SMAJ350CA Download
File Size   117.26 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 400 Watt Transient Voltage Suppressors 5.0 to 440 Volts

SMAJ350CA Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ350CA Datasheet PDF - Micro Commercial Components

Part # SMAJ350CA
Download  SMAJ350CA Click to download

File Size   117.26 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 400 Watt Transient Voltage Suppressors 5.0 to 440 Volts

SMAJ350CA Datasheet (HTML) - Micro Commercial Components


SMAJ350CA Product details

Features
• For Surface Mount Applications
• Unidirectional And Bidirectional
• Low Inductance
• High Temp Soldering: 250°C for 10 Seconds At Terminals
• For Bidirectional Devices Add “C” To The Suffix Of The Part
Number: i.e.SMAJ5.0C or P4SMAJ5.0CA for 5% Tolerance
• SMAJ5.0~SMAJ440CA can be also named as
P4SMAJ5.0~P4SMAJ440CA
• UL Recognized File # E222849




Similar Part No. - SMAJ350CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMAJ350CA LITTELFUSE-SMAJ350CA Datasheet
174Kb / 4P
Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
MDE Semiconductor, Inc.
SMAJ350CA MDE-SMAJ350CA Datasheet
111Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ350CA PACELEADER-SMAJ350CA Datasheet
122Kb / 2P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
SMAJ350CA LITTELFUSE-SMAJ350CA Datasheet
141Kb / 5P
Transient Voltage Suppression Diodes
logo
Micro Commercial Compon...
SMAJ350CA MCC-SMAJ350CA Datasheet
165Kb / 4P
400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
More results


Similar Description - SMAJ350CA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
P4KE68 MCC-P4KE68 Datasheet
53Kb / 3P
400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
SMAJ5.0 MCC-SMAJ5.0 Datasheet
165Kb / 4P
400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
SMBJ5.0 MCC-SMBJ5.0_09 Datasheet
202Kb / 9P
Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMAJ5.0 MCC-SMAJ5.0_11 Datasheet
236Kb / 4P
400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
SMCJ26CA-TP MCC-SMCJ26CA-TP Datasheet
248Kb / 5P
Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMBJ170A-TP MCC-SMBJ170A-TP Datasheet
345Kb / 9P
Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ18CA-TP MCC-SMBJ18CA-TP Datasheet
345Kb / 9P
Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMCJ24CA-TP MCC-SMCJ24CA-TP Datasheet
248Kb / 5P
Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8-DO41 YFWDIODE-P4KE6.8-DO41 Datasheet
405Kb / 3P
400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com