Electronic Components Datasheet Search
  English  ▼

X  

8441A Datasheet (PDF) - Keystone Electronics Corp.

8441A Datasheet PDF - Keystone Electronics Corp.
Part # 8441A
Download  8441A Download
File Size   211.1 Kbytes
Page   1 Pages
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.
Description FEMALE THREADED STANDOFFS

8441A Datasheet (PDF)

Go To PDF Page Download Datasheet
8441A Datasheet PDF - Keystone Electronics Corp.

Part # 8441A
Download  8441A Click to download

File Size   211.1 Kbytes
Page   1 Pages
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.
Description FEMALE THREADED STANDOFFS

8441A Datasheet (HTML) - Keystone Electronics Corp.




Similar Part No. - 8441A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8441 ETC2-8441 Datasheet
100Kb / 3P
Overall braid, 22 AWG stranded (7x30) TC conductors, PVC insulation
logo
PHOENIX CONTACT
8441 PHOENIX-8441 Datasheet
305Kb / 18P
AXL E PN DI8 DO8 M12 6M
logo
Belden Inc.
8441 BELDEN-8441 Datasheet
169Kb / 2P
Audio, Control and Instrumentation Cable, 1 Pr #22 Str TC, 85% TC Braid,PVC Jkt, CMG
01-20-2023
8441-010100 BELDEN-8441-010100 Datasheet
169Kb / 2P
Audio, Control and Instrumentation Cable, 1 Pr #22 Str TC, 85% TC Braid,PVC Jkt, CMG
01-20-2023
8441-0101000 BELDEN-8441-0101000 Datasheet
169Kb / 2P
Audio, Control and Instrumentation Cable, 1 Pr #22 Str TC, 85% TC Braid,PVC Jkt, CMG
01-20-2023
More results


Similar Description - 8441A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1887 ETC2-1887 Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
2093 ETC2-2093 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
2149 ETC2-2149 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
1895 ETC2-1895 Datasheet
230Kb / 1P
THREADED STANDOFFS
1628-2 ETC2-1628-2 Datasheet
336Kb / 1P
SWAGE THREADED STANDOFFS
1858 ETC2-1858 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
8441B ETC2-8441B Datasheet
93Kb / 2P
THREADED STANDOFFS
M1308-3005-N ETC2-M1308-3005-N Datasheet
300Kb / 1P
6mm HEX FEMALE STANDOFFS
logo
RAF ELECTRONIC HARDWARE
1645-440-AL RAF-1645-440-AL Datasheet
133Kb / 1P
3/16 ROUND FEMALE STANDOFFS
1680-440-N RAF-1680-440-N Datasheet
75Kb / 1P
1/4 ROUND FEMALE STANDOFFS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com