Electronic Components Datasheet Search
  English  ▼

X  

MIC94082YFT Datasheet (PDF) - Microchip Technology

MIC94082YFT Datasheet PDF - Microchip Technology
Part # MIC94082YFT
Download  MIC94082YFT Download
File Size   1295.17 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 67mΩ RDSON 2A High Side Load Switch in 0.85mm x 0.85mm Thin MLF® Package

MIC94082YFT Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC94082YFT Datasheet PDF - Microchip Technology

Part # MIC94082YFT
Download  MIC94082YFT Click to download

File Size   1295.17 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 67mΩ RDSON 2A High Side Load Switch in 0.85mm x 0.85mm Thin MLF® Package

MIC94082YFT Datasheet (HTML) - Microchip Technology


MIC94082YFT Product details

General Description
The MIC94080/1/2/3/4/5 is a family of high-side load switches
designed to operate from 1.7V to 5.5V input voltage. The load
switch pass element is an internal 67mΩ RDSON P-Channel
MOSFET which enables the device to support up to 2A of
continuous current. Additionally, the load switch supports 1.5V
logic level control and shutdown features in a tiny 0.85mm x
0.85mm 4-pin Thin MLF®
package.
The MIC94080 and MIC94081 feature rapid turn on. The
MIC94082 and MIC94083 provide a slew rate controlled softstart turn-on of 800µs, while the MIC94084 and MIC94085
provide a slew rate controlled soft-start turn-on of 120µs. The
soft-start feature is provided to prevent an in-rush current
event from pulling down the input supply voltage.
The MIC94081, MIC94083, and MIC94085 feature an active
load discharge circuit which switches in a 250Ω load when the
switch is disabled to automatically discharge a capacitive load.
An active pull-down on the enable input keeps the
MIC94080/1/2/3/4/5 in a default OFF state until the enable pin
is pulled above 1.25V. Internal level shift circuitry allows low
voltage logic signals to switch higher supply voltages. The
enable voltage can be as high as 5.5V and is not limited by
the input voltage.
The MIC94080/1/2/3/4/5 operating voltage range makes them
ideal for Lithium ion and NiMH/NiCad/Alkaline battery
powered systems, as well as non-battery powered
applications. The devices provide low quiescent current and
low shutdown current to maximize battery life.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.

Features
• 0.85mm x 0.85mm space saving 4-pin Thin MLF®
package
• 1.7V to 5.5V input voltage range
• 2A continuous operating current
• 67mΩ RDSON
• Internal level shift for CMOS/TTL control logic
• Ultra low quiescent current
• Micro-power shutdown current
• Soft-Start: MIC94082/3 (800µs), MIC94084/5 (120µs)
• Load discharge circuit: MIC94081, MIC94083,
MIC94085
• Ultra fast turn off time
• Junction operating temperature from -40ºC to +125ºC

Applications
• Cellular phones
• Portable Navigation Devices (PND)
• Personal Media Players (PMP)
• Ultra Mobile PCs
• Portable instrumentation
• Other Portable applications
• PDAs
• GPS Modules
• Industrial and DataComm equipment




Similar Part No. - MIC94082YFT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94082YFT MICREL-MIC94082YFT Datasheet
1Mb / 16P
67m廓 RDSON 2A High Side Load Switch in 0.85mm x 0.85mm Thin MLF Package
More results


Similar Description - MIC94082YFT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94040 MICREL-MIC94040 Datasheet
1Mb / 13P
28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF package
MIC5302 MICREL-MIC5302_10 Datasheet
354Kb / 8P
150mA ULDO in Ultra-Small 1.2mm x 1.6mm Thin MLF
MIC9404X MICREL-MIC9404X Datasheet
1Mb / 13P
28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 package
MIC94080 MICREL-MIC94080 Datasheet
1Mb / 16P
67m廓 RDSON 2A High Side Load Switch in 0.85mm x 0.85mm Thin MLF Package
MIC94044 MICREL-MIC94044 Datasheet
431Kb / 9P
28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 Package
logo
Maxim Integrated Produc...
21-0576 MAXIM-21-0576 Datasheet
56Kb / 2P
PACKAGE OUTLINE, 20L 4*4*0.85MM QFN PKG, WITH DIMPLE LEADS
REV .A
logo
Anpec Electronics Corop...
APL3513 ANPEC-APL3513 Datasheet
248Kb / 16P
2A High Side Load Switches
logo
Monolithic Power System...
MP5073 MPS-MP5073 Datasheet
972Kb / 16P
5.5V, 2A Low RDSON Load Switch With Programmable Current Limit
MP5083 MPS-MP5083 Datasheet
883Kb / 14P
5.5V, 2A Low RDSON Load Switch with Current Monitoring
logo
CRYSTEK CORPORATION
CS-FFB-MSR CRYSTEKMICROWAVE-CS-FFB-MSR Datasheet
92Kb / 2P
2.9mm Jack to 0.85mm Semi Rigid, Bulkhead
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com