Electronic Components Datasheet Search
  English  ▼

X  

SN65LBC175AMDREP Datasheet (PDF) - Texas Instruments

SN65LBC175AMDREP Datasheet PDF - Texas Instruments
Part # SN65LBC175AMDREP
Download  SN65LBC175AMDREP Download
File Size   374.77 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65LBC175A-EP Quadruple RS-485 Differential Line Receiver

SN65LBC175AMDREP Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65LBC175AMDREP Datasheet PDF - Texas Instruments

Part # SN65LBC175AMDREP
Download  SN65LBC175AMDREP Click to download

File Size   374.77 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65LBC175A-EP Quadruple RS-485 Differential Line Receiver

SN65LBC175AMDREP Datasheet (HTML) - Texas Instruments


SN65LBC175AMDREP Product details

1 Features
1• Designed for TIA/EIA-485, TIA/EIA-422 and
ISO 8482 Applications
• Signaling Rates (1) Exceeding 50 Mbps
• Fail-Safe in Bus Short-Circuit, Open-Circuit, and
Idle-Bus Conditions
• ESD Protection on Bus Inputs Exceeds 6 kV
• Common-Mode Bus Input Range –7 V to 12 V
• Propagation Delay Times < 18 ns
• Low Standby Power Consumption < 32 μA
• Pin-Compatible Upgrade for MC3486, DS96F175,
LTC489, and SN75175

2 Applications
• Supports Defense, Aerospace, and Medical
Applications
– Controlled Baseline
– One Assembly and Test Site
– One Fabrication Site
– Extended Product Life Cycle
– Extended Product-Change Notification
– Product Traceability

3 Description
The SN65LBC175A-EP is a quadruple differential line
receiver with 3-state outputs, designed for TIA/EIA-
485 (RS-485), TIA/EIA-422 (RS-422), and ISO 8482
(Euro RS-485) applications.
This device is optimized for balanced multipoint bus
communication at data rates up to and exceeding 50
million bits per second. The transmission media may
be twisted-pair cables, printed-circuit board traces, or
backplanes. The ultimate rate and distance of data
transfer is dependent upon the attenuation
characteristics of the media and the noise coupling to
the environment.
The receiver operates over a wide range of positive
and negative common-mode input voltages, and
features ESD protection to 6 kV, making it suitable for
high-speed multipoint data transmission applications
in harsh environments. These devices are designed
using LinBiCMOS®, facilitating low power
consumption and robustness.
Two EN inputs provide pair-wise enable control, or
these can be tied together externally to enable all four
drivers with the same signal.




Similar Part No. - SN65LBC175AMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC175AMDREP TI1-SN65LBC175AMDREP Datasheet
348Kb / 21P
Quadruple RS-485 Differential Line Receiver
SN65LBC175AMDREP TI1-SN65LBC175AMDREP Datasheet
350Kb / 21P
Quadruple RS-485 Differential Line Receiver
More results


Similar Description - SN65LBC175AMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC174A TI-SN65LBC174A Datasheet
435Kb / 18P
QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC175A TI-SN65LBC175A Datasheet
338Kb / 14P
QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC173A TI-SN65LBC173A Datasheet
200Kb / 12P
QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC174A TI-SN65LBC174A_07 Datasheet
479Kb / 19P
QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174A-EP TI1-SN65LBC174A-EP Datasheet
552Kb / 19P
QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVER
SN65LBC173A-EP TI1-SN65LBC173A-EP Datasheet
881Kb / 23P
Quadruple RS-485 Differential Line Receiver
SN65LBC175A-EP TI1-SN65LBC175A-EP Datasheet
348Kb / 21P
Quadruple RS-485 Differential Line Receiver
SN65LBC173A-EP TI1-SN65LBC173A-EP_17 Datasheet
881Kb / 23P
Quadruple RS-485 Differential Line Receiver
SN65LBC175A-EP TI1-SN65LBC175A-EP_18 Datasheet
350Kb / 21P
Quadruple RS-485 Differential Line Receiver
SN65LBC174A-EP TI1-SN65LBC174A-EP_V01 Datasheet
1Mb / 32P
SN65LBC174A-EP Quadruple RS-485 Differential Line Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com