Electronic Components Datasheet Search
  English  ▼

X  

SN65HVD233 Datasheet (PDF) - Texas Instruments

SN65HVD233 Datasheet PDF - Texas Instruments
Part # SN65HVD233
Download  SN65HVD233 Download
File Size   672.78 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V CAN TRANSCEIVER

SN65HVD233 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVD233 Datasheet PDF - Texas Instruments

Part # SN65HVD233
Download  SN65HVD233 Click to download

File Size   672.78 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V CAN TRANSCEIVER

SN65HVD233 Datasheet (HTML) - Texas Instruments


SN65HVD233 Product details

FEATURES
· Bus-Pin Fault Protection Exceeds ±36 V
· Bus-Pin ESD Protection Exceeds 16-kV HBM
· Compatible With ISO 11898
· Signaling Rates(1) up to 1 Mbps
· Extended –7-V to 12-V Common-Mode Range
· High-Input Impedance Allows for 120 Nodes
· LVTTL I/Os Are 5-V Tolerant
· Adjustable Driver Transition Times for
Improved Signal Quality
· Unpowered Node Does Not Disturb the Bus
· Low-Current Standby Mode . . . 200-mA Typical
· Thermal Shutdown Protection
· Power-Up/Down Glitch-Free Bus Inputs and
Outputs
– High Input Impedance With Low VCC
– Monolithic Output During Power Cycling
· Loopback for Diagnostic Functions Available
· DeviceNet Vendor ID #806

SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
· Controlled Baseline
· One Assembly/Test Site
· One Fabrication Site
· Available in Military (–55°C/125°C)
Temperature Range(1)
· Extended Product Life Cycle
· Extended Product-Change Notification
· Product Traceability

APPLICATIONS
· CAN Data Bus
· Industrial Automation
– DeviceNet™ Data Buses
– Smart Distributed Systems (SDS™)
· SAE J1939 Standard Data Bus Interface
· NMEA 2000 Standard Data Bus Interface
· ISO 11783 Standard Data Bus Interface

DESCRIPTION
The SN65HVD233 is used in applications employing
the controller area network (CAN) serial
communication physical layer in accordance with the
ISO 11898 standard. As a CAN transceiver, it
provides transmit and receive capability between the differential CAN bus and a CAN controller, with
signaling rates up to 1 Mbps.
Designed for operation in especially harsh
environments, the device features cross-wire,
overvoltage and loss of ground protection to ±36 V,
with overtemperature protection and common-mode
transient protection of ±100 V. This device operates
over a –7-V to 12-V common-mode range with a
maximum of 60 nodes on a bus.




Similar Part No. - SN65HVD233

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233 TI-SN65HVD233 Datasheet
1Mb / 147P
TMS320R2811, TMS320R2812 Digital Signal Processors
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
468Kb / 26P
3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
461Kb / 24P
3.3-V CAN TRANSCEIVER
SN65HVD233 TI-SN65HVD233 Datasheet
1Mb / 158P
Digital Signal Controller (DSC)
More results


Similar Description - SN65HVD233

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
3.3-V CAN TRANSCEIVERS
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
3.3-V CAN TRANSCEIVER
logo
ON Semiconductor
AMIS-42673 ONSEMI-AMIS-42673 Datasheet
159Kb / 11P
High-Speed 3.3 V Digital Interface CAN Transceiver
January, 2009 ??Rev. 3
logo
Texas Instruments
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
3.3-V CAN TRANSCEIVER
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
3.3-V CAN TRANSCEIVERS
SN55HVD233-SP TI1-SN55HVD233-SP Datasheet
100Kb / 6P
3.3-V Radiation Hardened CAN Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com