Electronic Components Datasheet Search
  English  ▼

X  

SA5532A Datasheet (PDF) - Texas Instruments

SA5532A Datasheet PDF - Texas Instruments
Part # SA5532A
Download  SA5532A Download
File Size   632.58 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description NE5532x, SA5532x Dual Low-Noise Operational Amplifiers

SA5532A Datasheet (PDF)

Go To PDF Page Download Datasheet
SA5532A Datasheet PDF - Texas Instruments

Part # SA5532A
Download  SA5532A Click to download

File Size   632.58 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description NE5532x, SA5532x Dual Low-Noise Operational Amplifiers

SA5532A Datasheet (HTML) - Texas Instruments


SA5532A Product details

1 Features
1• Equivalent Input Noise Voltage:
5 nV/√Hz Typ at 1 kHz
• Unity-Gain Bandwidth: 10 MHz Typ
• Common-Mode Rejection Ratio: 100 dB Typ
• High DC Voltage Gain: 100 V/mV Typ input•
Peak-to-Peak Output Voltage Swing 26 V Typ
With VCC± = ±15 V and RL = 600 Ω
• High Slew Rate: 9 V/μs Typ

2 Applications
• AV Receivers
• Embedded PCs
• Netbooks
• Video Broadcasting and Infrastructure: Scalable
Platforms
• DVD Recorders and Players
• Multichannel Video Transcoders
• Pro Audio Mixers

3 Description
The NE5532, NE5532A, SA5532, and SA5532A
devices are high-performance operational amplifiers
combining excellent DC and AC characteristics. They
feature very low noise, high output-drive capability,
high unity-gain and maximum-output-swing
bandwidths, low distortion, high slew rate, input•
protection diodes, and output short-circuit protection. These operational amplifiers are compensated
internally for unity-gain operation. These devices
have specified maximum limits for equivalent input
noise voltage.




Similar Part No. - SA5532A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5532A PHILIPS-SA5532A Datasheet
125Kb / 12P
Internally-compensated dual low noise operational amplifier
1997 Sept 29
logo
Texas Instruments
SA5532A TI-SA5532A Datasheet
439Kb / 13P
DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
SA5532A TI-SA5532A Datasheet
488Kb / 14P
DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
SA5532A TI2-SA5532A Datasheet
633Kb / 24P
NE5532x, SA5532x Dual Low-Noise Operational Amplifiers
REVISED JANUARY 2015
SA5532AD TI-SA5532AD Datasheet
69Kb / 10P
DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
More results


Similar Description - SA5532A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
Dec-1997
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
Nov-1997
logo
Rohm
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
August 2003 Rev.1.1
logo
BCD Semiconductor Manuf...
AZ4580 BCDSEMI-AZ4580 Datasheet
177Kb / 14P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_09 Datasheet
439Kb / 13P
DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
NE5532 TI-NE5532_10 Datasheet
488Kb / 14P
DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
MC33078 UTC-MC33078 Datasheet
147Kb / 6P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI1-NE5532 Datasheet
966Kb / 23P
Dual Low-Noise Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com