Electronic Components Datasheet Search
  English  ▼

X  

EXCISTAR Datasheet (PDF) - Coherent Corp

EXCISTAR Datasheet PDF - Coherent Corp
Part # EXCISTAR
Download  EXCISTAR Download
File Size   464.2 Kbytes
Page   3 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description Compact, High Repetition Rate Excimer Laser

EXCISTAR Datasheet (PDF)

Go To PDF Page Download Datasheet
EXCISTAR Datasheet PDF - Coherent Corp

Part # EXCISTAR
Download  EXCISTAR Click to download

File Size   464.2 Kbytes
Page   3 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description Compact, High Repetition Rate Excimer Laser

EXCISTAR Datasheet (HTML) - Coherent Corp


EXCISTAR Product details

FEATURES
• Ultrashort 193 nm and 248 nm wavelengths for superior
ablation and marking
• High repetition rate to enable fast and flexible processing
• Ultimate pulse control to ensure effective use of photons
• ALMETA tube with integrated heating device to ensure
reproducible results
• Air-cooled, single-phase design, premix gas supply and
CE-declaration compliance for easy integration

APPLICATIONS
• LASIK Vision Correction
• UV Precision Marking
• LA-ICP-MS Analysis
• FBG Writing




Similar Part No. - EXCISTAR

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
EXC LSTD-EXC Datasheet
616Kb / 1P
Available in various standard connectors
logo
Panasonic Semiconductor
EXC-14CE900U PANASONIC-EXC-14CE900U Datasheet
343Kb / 12P
PRODUCT SPECIFICATION FOR APPROVAL
EXC-24CB102U PANASONIC-EXC-24CB102U Datasheet
120Kb / 4P
2 mode Noise Filters
EXC-24CE900U PANASONIC-EXC-24CE900U Datasheet
81Kb / 2P
Common mode Noise Filters
EXC-24CP221U PANASONIC-EXC-24CP221U Datasheet
116Kb / 4P
2 mode Noise Filters
More results


Similar Description - EXCISTAR

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT0H49L SHARP-LT0H49L Datasheet
31Kb / 3P
Compact Hologram Laser
logo
Hamamatsu Corporation
PLP-10 HAMAMATSU-PLP-10 Datasheet
186Kb / 2P
HIGH-REPETITION PICOSECOND LIGHT PULSER Model PLP-10
logo
Gilway Technical Lamp
LX24T3 GILWAY-LX24T3 Datasheet
561Kb / 2P
Linear Excimer Lamp
logo
Maxim Integrated Produc...
MAX3934 MAXIM-MAX3934 Datasheet
1Mb / 10P
10.7Gbps Compact Laser Diode Driver
Rev 0; 10/02
logo
Roithner LaserTechnik G...
CW1064-01 ROITHNER-CW1064-01 Datasheet
538Kb / 2P
compact ir dpss laser module
CW1064-05 ROITHNER-CW1064-05 Datasheet
546Kb / 2P
compact ir dpss laser module
RLDH980-200-3 ROITHNER-RLDH980-200-3 Datasheet
423Kb / 2P
compact infrared diode laser module
STAR450F5 ROITHNER-STAR450F5 Datasheet
334Kb / 1P
compact violet laser diode module
logo
List of Unclassifed Man...
4033 ETC2-4033 Datasheet
279Kb / 3P
Repetition rate of 0.1 Hz to 50 MHz
logo
Panasonic Semiconductor
HL-G1 PANASONIC-HL-G1 Datasheet
1Mb / 14P
Compact Laser Displacement Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com